Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR533C Datasheet (PDF) - Everlight Electronics Co., Ltd

IR533C Datasheet PDF - Everlight Electronics Co., Ltd
Part # IR533C
Download  IR533C Download
File Size   192.38 Kbytes
Page   7 Pages
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd
Description 5mm Infrared LED , T-1 3/4

IR533C Datasheet (PDF)

Go To PDF Page Download Datasheet
IR533C Datasheet PDF - Everlight Electronics Co., Ltd

Part # IR533C
Download  IR533C Click to download

File Size   192.38 Kbytes
Page   7 Pages
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd
Description 5mm Infrared LED , T-1 3/4

IR533C Datasheet (HTML) - Everlight Electronics Co., Ltd


IR533C Product details

Description
• EVERLIGHT’s Infrared Emitting Diode (IR533C) is a high intensity diode , molded in a water clear plastic package.
• The device is spectrally matched with phototransistor , photodiode and infrared receiver module.

Features
• High reliability
• High radiant intensity
• Peak wavelength λp=940nm
• 2.54mm Lead spacing
• Low forward voltage
• Pb Free
• This product itself will remain within RoHS compliant version.

Applications
• Infrared applied system




Similar Part No. - IR533C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR533C EVERLIGHT-IR533C_15 Datasheet
263Kb / 8P
5mm Infrared LED
More results


Similar Description - IR533C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR313C EVERLIGHT-HIR313C Datasheet
188Kb / 7P
5mm Infrared LED, T-1 3/4
2006/05/04
IR323-H0-A EVERLIGHT-IR323-H0-A Datasheet
202Kb / 7P
5mm Infrared LED , T-1 3/4
SIR333C-H0 EVERLIGHT-SIR333C-H0 Datasheet
189Kb / 7P
5mm Infrared LED, T-1 3/4
SIR383 EVERLIGHT-SIR383 Datasheet
178Kb / 7P
5mm Infrared LED, T-1 3/4
HIR323C-H0 EVERLIGHT-HIR323C-H0 Datasheet
181Kb / 7P
5mm Infrared LED, T-1 3/4
2008/2/27
HIR8323-C16 EVERLIGHT-HIR8323-C16 Datasheet
161Kb / 7P
5mm Infrared LED, T-1 3/4
09-26-2006
IR8353-14C EVERLIGHT-IR8353-14C Datasheet
207Kb / 7P
5mm Infrared LED , T-1 3/4
EAILP05RDLA0 EVERLIGHT-EAILP05RDLA0 Datasheet
269Kb / 8P
5mm Infrared LED,T-1 3/4
10.18.2013
EAILP05RDOA0 EVERLIGHT-EAILP05RDOA0 Datasheet
305Kb / 8P
5mm Infrared LED,T-1 3/4
05.14.2014
IR333C-A EVERLIGHT-IR333C-A Datasheet
368Kb / 7P
5mm Infrared LED, T-1 3/4
Rev. 3 2010/10/23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com