Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL816 Datasheet (PDF) - Everlight Electronics Co., Ltd

EL816 Datasheet PDF - Everlight Electronics Co., Ltd
Part # EL816
Download  EL816 Download
File Size   338.78 Kbytes
Page   13 Pages
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd
Description Photo coupler

EL816 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL816 Datasheet PDF - Everlight Electronics Co., Ltd

Part # EL816
Download  EL816 Click to download

File Size   338.78 Kbytes
Page   13 Pages
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd
Description Photo coupler

EL816 Datasheet (HTML) - Everlight Electronics Co., Ltd


EL816 Product details

Description 
  The EL816 series of devices each consist of an infrared emitting diodes, optically coupled to a phototransistor
detector. They are packaged in a 4-pin DIP package and available in wide-lead spacing and SMD option.

Features:
•Current transfer ratio
  (CTR: 50~600% at IF=5mA, VCE=5V)
  (CTR: 63~320% at IF=10mA, VCE=5V)
• High isolation voltage between inputs and output (Viso=5000 V rms)
•Creepage distance >7.62 mm
• Operating temperature up to +110°C
• Compact small outline package
•Pb free and RoHS compliant.
• UL approved (No. E214129)
• VDE approved (No. 132249)
• SEMKO approved
• NEMKO approved
• DEMKO approved
• FIMKO approved
• CSA approved (No. 1143607)

Applications
• Programmable controllers
• System appliances, measuring instruments
• Telecommunication equipments
• Home appliances, such as fan heaters, etc.
• Signal transmission between circuits of different potentials and impedances




Similar Part No. - EL816

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EL816 ETC-EL816 Datasheet
425Kb / 12P
Photo coupler
logo
Everlight Electronics C...
EL816 EVERLIGHT-EL816 Datasheet
807Kb / 13P
4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
logo
List of Unclassifed Man...
EL816A ETC-EL816A Datasheet
425Kb / 12P
Photo coupler
logo
Everlight Electronics C...
EL816A EVERLIGHT-EL816A Datasheet
807Kb / 13P
4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
logo
List of Unclassifed Man...
EL816B ETC-EL816B Datasheet
425Kb / 12P
Photo coupler
More results


Similar Description - EL816

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT22000 MARKTECH-MT22000 Datasheet
156Kb / 5P
PHOTO IC COUPLER
MT25300 MARKTECH-MT25300 Datasheet
211Kb / 7P
PHOTO IC COUPLER
MT30310 MARKTECH-MT30310 Datasheet
131Kb / 4P
PHOTO TRIAC COUPLER???
MT30610 MARKTECH-MT30610 Datasheet
132Kb / 4P
PHOTO TRIAC COUPLER???
logo
AUK corp
SPC815 AUK-SPC815 Datasheet
67Kb / 3P
DIP Photo Coupler
SPC817 AUK-SPC817 Datasheet
65Kb / 3P
DIP Photo Coupler
logo
NEC
PS2007B NEC-PS2007B Datasheet
84Kb / 3P
PHOTO COUPLER
PS2043 NEC-PS2043 Datasheet
109Kb / 4P
PHOTO COUPLER
logo
List of Unclassifed Man...
EL816 ETC-EL816 Datasheet
425Kb / 12P
Photo coupler
logo
Everlight Electronics C...
EL815 EVERLIGHT-EL815 Datasheet
349Kb / 11P
Photo coupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com