Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXQ3180 Datasheet (PDF) - Maxim Integrated Products

MAXQ3180 Datasheet PDF - Maxim Integrated Products
Part # MAXQ3180
Download  MAXQ3180 Download
File Size   529.74 Kbytes
Page   48 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, Multifunction, Polyphase AFE

MAXQ3180 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAXQ3180 Datasheet PDF - Maxim Integrated Products

Part # MAXQ3180
Download  MAXQ3180 Click to download

File Size   529.74 Kbytes
Page   48 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, Multifunction, Polyphase AFE

MAXQ3180 Datasheet (HTML) - Maxim Integrated Products


MAXQ3180 Product details

General Description
The MAXQ3180 is a dedicated electricity measurement front-end that collects and calculates polyphase voltage, current, power, energy, and many other metering and power-quality parameters of a polyphase load. The computed results can be retrieved by an external master through the on-chip serial peripheral interface (SPI™) bus. This bus is also used by the external master to configure the operation of the MAXQ3180 and monitor the status of operations.

Features
♦ Compatible with 3-Phase/3-Wire, 3-Phase/4-Wire, and Other 3-Phase Services
♦ Active Power and Energy of Each Phase and Combined 3-Phase (kWh), Positive and Negative
♦ Reactive Power and Energy of Each Phase and Combined, Positive and Negative
♦ Apparent Power and Energy of Each Phase and Combined 3-Phase
♦ Neutral Line Current Measurement
♦ Line Frequency (Hz)
♦ Power Factors
♦ Voltage Phasor Angles
♦ Phase Sequence Indication
♦ Phase Voltage Absence Detection
♦ Voltage and Current Harmonic Measurement
♦ Fundamental and Total Power and Energy
♦ Two Pulse Outputs: Configurable for Active, Reactive, and Apparent Powers
♦ Programmable Pulse Widths
♦ Programmable No-Load Current Threshold
♦ Programmable Meter Constants
♦ Programmable Thresholds for Undervoltage and Overvoltage Detection
♦ Programmable Threshold for Overcurrent Detection
♦ Amp-Hours in Absence of Voltage Signals
♦ On-Chip Digital Temperature Sensor
♦ Precision Internal Voltage Reference 2.048V (30ppm/°C typical), Also Supports An External Voltage Reference
♦ Supports Software Meter Calibration
♦ Up to 3-Point Multipoint Calibration to Compensate for Transducer Nonlinearity
♦ Power-Fail Detection
♦ Bidirectional Reset Input/Output
♦ SPI-Compatible Serial Interface with Interrupt Request (IRQ) Output
♦ Single 3.3V Supply, Low Power (35mW typical)

Applications
    3-Phase Multifunction Electricity Meters




Similar Part No. - MAXQ3180

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ3180 MAXIM-MAXQ3180 Datasheet
1Mb / 101P
Low-Power, Multifunction, Polyphase AFE
Rev 2; 8/09
MAXQ3180 MAXIM-MAXQ3180 Datasheet
1Mb / 101P
Low-Power, Multifunction, Polyphase AFE
Rev 3; 12/09
MAXQ3180-RAN+ MAXIM-MAXQ3180-RAN+ Datasheet
1Mb / 101P
Low-Power, Multifunction, Polyphase AFE
Rev 2; 8/09
MAXQ3180-RAN+ MAXIM-MAXQ3180-RAN+ Datasheet
1Mb / 101P
Low-Power, Multifunction, Polyphase AFE
Rev 3; 12/09
MAXQ3180 MAXIM-MAXQ3180_09 Datasheet
1Mb / 101P
Low-Power, Multifunction, Polyphase AFE
Rev 2; 8/09
More results


Similar Description - MAXQ3180

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ3180 MAXIM-MAXQ3180_09 Datasheet
1Mb / 101P
Low-Power, Multifunction, Polyphase AFE
Rev 2; 8/09
MAXQ3180_0912 MAXIM-MAXQ3180_0912 Datasheet
1Mb / 101P
Low-Power, Multifunction, Polyphase AFE
Rev 3; 12/09
MAXQ3181 MAXIM-MAXQ3181 Datasheet
904Kb / 84P
Low-Power, Active Energy, Polyphase AFE
Rev 1; 12/09
MAXQ3183 MAXIM-MAXQ3183 Datasheet
1Mb / 102P
Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect
Rev 0; 12/09
logo
National Semiconductor ...
LMP91000 NSC-LMP91000 Datasheet
713Kb / 24P
Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
logo
Texas Instruments
LMP91000 TI1-LMP91000 Datasheet
557Kb / 25P
Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
logo
Analog Devices
ADE7880 AD-ADE7880 Datasheet
1Mb / 104P
Polyphase Multifunction Energy Metering IC
REV. A
ADE7754 AD-ADE7754_15 Datasheet
530Kb / 44P
Polyphase Multifunction Energy Metering IC with Serial Port
REV. 0
logo
Texas Instruments
LMP90077 TI1-LMP90077_16 Datasheet
1Mb / 70P
Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE
LMP90100 TI1-LMP90100_16 Datasheet
1Mb / 74P
Sensor AFE System: Multichannel, Low-Power, 24-Bit Sensor AFE
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com