Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DBL0851CKILFT Datasheet (PDF) - Renesas Technology Corp

9DBL0851CKILFT Datasheet PDF - Renesas Technology Corp
Part # 9DBL0851CKILFT
Download  9DBL0851CKILFT Download
File Size   1422.99 Kbytes
Page   33 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers

9DBL0851CKILFT Datasheet (PDF)

Go To PDF Page Download Datasheet
9DBL0851CKILFT Datasheet PDF - Renesas Technology Corp

Part # 9DBL0851CKILFT
Download  9DBL0851CKILFT Click to download

File Size   1422.99 Kbytes
Page   33 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers

9DBL0851CKILFT Datasheet (HTML) - Renesas Technology Corp


9DBL0851CKILFT Product details

▪ 2 to 8 Low-Power HCSL (LP-HCSL) outputs
eliminate 4 resistors per output pair
▪ 9DBL0x4x devices provide integrated 100Ω
terminations
▪ 9DBL0x5x devices provide integrated 85Ω
terminations
▪ See AN-891 for easy coupling to other logic
families
▪ Spread-spectrum compatible
▪ Dedicated OE# pin for each output
▪ 1MHz to 200MHz operation in fan-out mode
▪ 3 selectable SMBus addresses
▪ Extensive SMBus-selectable features allow
optimization to customer requirements
▪ SMBus interface not required for device operation
▪ -40°C to +85°C operating temperature range
▪ Space-saving packages:
• 4 × 4 mm 24-VFQFPN (9DBL02x2C)
• 5 × 5 mm 32-VFQFPN (9DBL04x2C)
• 5 × 5 mm 40-VFQFPN (9DBL06x1C)
• 6 × 6 mm 48-VFQFPN (9DBL08x1C)




Similar Part No. - 9DBL0851CKILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBL0851 IDT-9DBL0851 Datasheet
340Kb / 19P
8-output 3.3V PCIe Zero-Delay Buffer
9DBL0851BKILF IDT-9DBL0851BKILF Datasheet
354Kb / 19P
8-output 3.3V PCIe Zero-Delay Buffer
9DBL0851BKILF IDT-9DBL0851BKILF Datasheet
340Kb / 19P
8-output 3.3V PCIe Zero-Delay Buffer
9DBL0851BKILFT IDT-9DBL0851BKILFT Datasheet
354Kb / 19P
8-output 3.3V PCIe Zero-Delay Buffer
9DBL0851BKILFT IDT-9DBL0851BKILFT Datasheet
340Kb / 19P
8-output 3.3V PCIe Zero-Delay Buffer
More results


Similar Description - 9DBL0851CKILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBL02 IDT-9DBL02 Datasheet
300Kb / 19P
2-output 3.3V PCIe Zero-Delay Buffer
9DBL04 IDT-9DBL04 Datasheet
305Kb / 19P
4-output 3.3V PCIe Zero-delay Buffer
9DBL06 IDT-9DBL06 Datasheet
318Kb / 19P
6-output 3.3V PCIe Zero-Delay Buffer
9DBL08 IDT-9DBL08 Datasheet
354Kb / 19P
8-output 3.3V PCIe Zero-Delay Buffer
9DBV0231 IDT-9DBV0231_16 Datasheet
269Kb / 17P
2-output 1.8V PCIe Gen1/2/3 Zero Delay /Fanout Buffer
9DBL0242 IDT-9DBL0242 Datasheet
300Kb / 19P
2-output 3.3V PCIe Zero-Delay Buffer
9DBL0442 IDT-9DBL0442 Datasheet
305Kb / 19P
4-Output 3.3V PCIe Zero-delay Buffer
9DBL0841 IDT-9DBL0841 Datasheet
340Kb / 19P
8-output 3.3V PCIe Zero-Delay Buffer
logo
Renesas Technology Corp
9DBL02X2 RENESAS-9DBL02X2 Datasheet
1Mb / 32P
2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers
November 30, 2022
9DBL02X3 RENESAS-9DBL02X3 Datasheet
1Mb / 32P
2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers with LOS
December 9, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com