Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM3633 Datasheet (PDF) - Infinite Electronics International, Inc.

SM3633 Datasheet PDF - Infinite Electronics International, Inc.
Part # SM3633
Download  SM3633 Download
File Size   535.7 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SM3633 DATA SHEET SMB Plug to BNC Female Adapter

SM3633 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM3633 Datasheet PDF - Infinite Electronics International, Inc.

Part # SM3633
Download  SM3633 Click to download

File Size   535.7 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SM3633 DATA SHEET SMB Plug to BNC Female Adapter

SM3633 Datasheet (HTML) - Infinite Electronics International, Inc.


SM3633 Product details

Features
• VSWR of 1.3:1 max up to 4 GHz
• SMB interface meets
• MIL-STD-348A
• BNC interface meets
• MIL-STD-348A
• 30 µin minimum contact plating
• Gold Plated Beryllium
• Copper Contact
• Applications:
• Enables Between Series
• Connections
• General Purpose Test
• SM3633
• DATA SHEET




Similar Part No. - SM3633

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SM3630 FAIRVIEW-SM3630 Datasheet
72Kb / 1P
REV FAIRVIEW MICROWAVE INC. ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM 0.45" SHEET
REV A
SM3631 FAIRVIEW-SM3631 Datasheet
78Kb / 1P
REV (10.4) FAIRVIEW MICROWAVE INC. .410" ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM MOUNTING HOLE (11.2) .442" SHEET
REV A
SM3632 FAIRVIEW-SM3632 Datasheet
72Kb / 1P
REV FAIRVIEW MICROWAVE INC. ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM SHEET
REV A
SM3634 FAIRVIEW-SM3634 Datasheet
73Kb / 1P
REV FAIRVIEW MICROWAVE INC. ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM (14.5) 0.57"
REV A
SM3636 FAIRVIEW-SM3636 Datasheet
535Kb / 4P
SM3636 DATA SHEET SMB Female to BNC Male Adapter
REV 3.1
More results


Similar Description - SM3633

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9135 PASTERNACK-PE9135 Datasheet
253Kb / 3P
SMB Plug to BNC Male Adapter
PE9136 PASTERNACK-PE9136 Datasheet
245Kb / 2P
SMB Jack to BNC Female Adapter
PE9137 PASTERNACK-PE9137 Datasheet
249Kb / 3P
SMB Plug to BNC Female Adapter
PE9142 PASTERNACK-PE9142 Datasheet
249Kb / 3P
SMA Female to SMB Plug Adapter
PE9232 PASTERNACK-PE9232 Datasheet
240Kb / 2P
75 Ohm SMB Plug to 50 Ohm BNC Female Adapter
PE9240 PASTERNACK-PE9240 Datasheet
254Kb / 3P
Bulkhead SMB Jack to BNC Female Adapter
PE9241 PASTERNACK-PE9241 Datasheet
240Kb / 2P
Bulkhead SMB Plug to BNC Female Adapter
PE9316 PASTERNACK-PE9316 Datasheet
257Kb / 3P
N Female to SMB Plug Adapter
PE9395 PASTERNACK-PE9395 Datasheet
245Kb / 3P
SSMB Plug to BNC Female Adapter
PE9617 PASTERNACK-PE9617 Datasheet
251Kb / 2P
75 Ohm Mini SMB Plug to BNC Female Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com