Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW4170 Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJW4170 Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJW4170
Download  NJW4170 Download
File Size   377.69 Kbytes
Page   24 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Current Mode Control High Speed Frequency Internal 1A MOSFET Switching Regulator IC for Buck Converter

NJW4170 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJW4170 Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJW4170
Download  NJW4170 Click to download

File Size   377.69 Kbytes
Page   24 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Current Mode Control High Speed Frequency Internal 1A MOSFET Switching Regulator IC for Buck Converter

NJW4170 Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJW4170 Product details

FEATURES
Oscillating Frequency 2.4MHz typ. (A ver.)
2.1MHz typ. (B ver.)
Minimum ON time 80ns typ.(A ver.)
85ns typ.(B ver.)
Current mode Control
External Clock Synchronization
Wide Operating Voltage Range 4.5V to 40V
Switching Current 1.4A min.
PWM Control
Built-in Compensation Circuit
Correspond to Ceramic Capacitor (MLCC)
Soft Start Function 4ms typ.
UVLO (Under Voltage Lockout)
Over Current Protection (Hiccup type)
Thermal Shutdown Protection
Standby Function
Package Outline NJW4170U2 : SOT-89-5
NJW4170KV1 : DFN8-V1(ESON8-V1)




Similar Part No. - NJW4170

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4170 NJRC-NJW4170 Datasheet
476Kb / 24P
Current Mode Control High Speed Frequency Internal 1A MOSFET Switching Regulator IC for Buck Converter
NJW4170KV1-A NJRC-NJW4170KV1-A Datasheet
476Kb / 24P
Current Mode Control High Speed Frequency Internal 1A MOSFET Switching Regulator IC for Buck Converter
NJW4170U2-A NJRC-NJW4170U2-A Datasheet
476Kb / 24P
Current Mode Control High Speed Frequency Internal 1A MOSFET Switching Regulator IC for Buck Converter
NJW4170U2-B NJRC-NJW4170U2-B Datasheet
476Kb / 24P
Current Mode Control High Speed Frequency Internal 1A MOSFET Switching Regulator IC for Buck Converter
More results


Similar Description - NJW4170

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6652 SIPEX-SP6652 Datasheet
201Kb / 11P
1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
logo
New Japan Radio
NJW4150 NJRC-NJW4150 Datasheet
129Kb / 8P
Internal 34V MOSFET Switching Regulator IC for Buck Converter
NJW4154 NJRC-NJW4154 Datasheet
281Kb / 22P
Switching Regulator IC for Buck Converter
NJW4150A NJRC-NJW4150A Datasheet
240Kb / 9P
Internal 40V MOSFET Switching Regulator IC for Buck Converter
NJW4152A NJRC-NJW4152A Datasheet
535Kb / 23P
Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB_15 Datasheet
554Kb / 23P
Switching Regulator IC for Buck Converter
NJW4155 NJRC-NJW4155 Datasheet
539Kb / 25P
Current Mode Control Internal 1.8A MOSFET Switching Regulator IC for Buck Converter
NJW4161 NJRC-NJW4161 Datasheet
419Kb / 19P
MOSFET Drive Switching Regulator IC for Buck Converter
NJW4170 NJRC-NJW4170 Datasheet
476Kb / 24P
Current Mode Control High Speed Frequency Internal 1A MOSFET Switching Regulator IC for Buck Converter
NJW4196 NJRC-NJW4196 Datasheet
285Kb / 11P
Internal 3.5A MOSFET Switching Regulator IC for Buck Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com