Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM4014 Datasheet (PDF) - Infinite Electronics International, Inc.

SM4014 Datasheet PDF - Infinite Electronics International, Inc.
Part # SM4014
Download  SM4014 Download
File Size   439.74 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SM4014 DATA SHEET Precision N Male to N Male Adapter

SM4014 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM4014 Datasheet PDF - Infinite Electronics International, Inc.

Part # SM4014
Download  SM4014 Click to download

File Size   439.74 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SM4014 DATA SHEET Precision N Male to N Male Adapter

SM4014 Datasheet (HTML) - Infinite Electronics International, Inc.


SM4014 Product details

Features
• VSWR of 1.15:1 max
• up to 18 GHz
• Contact plating according
• to MIL-G-45204
• Gold over Nickel Plated
• Beryllium Copper Contact
• Applications:
• General Purpose Test
• Precision Test & Measurement
• SM4014
• DATA SHEET




Similar Part No. - SM4014

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
SM4014UWDC02 BIVAR-SM4014UWDC02 Datasheet
586Kb / 5P
SURFACE MOUNT LED WHITE, 4014 PACKAGE, 0.2W
Revision A 10/15
SM4014UWDC02 BIVAR-SM4014UWDC02 Datasheet
586Kb / 5P
SURFACE MOUNT LED WHITE, 4014 PACKAGE, 0.2W
Revision A 10/15
SM4014UWDN02 BIVAR-SM4014UWDN02 Datasheet
586Kb / 5P
SURFACE MOUNT LED WHITE, 4014 PACKAGE, 0.2W
Revision A 10/15
SM4014UWDN02 BIVAR-SM4014UWDN02 Datasheet
586Kb / 5P
SURFACE MOUNT LED WHITE, 4014 PACKAGE, 0.2W
Revision A 10/15
SM4014UWDW02 BIVAR-SM4014UWDW02 Datasheet
586Kb / 5P
SURFACE MOUNT LED WHITE, 4014 PACKAGE, 0.2W
Revision A 10/15
More results


Similar Description - SM4014

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9007 PASTERNACK-PE9007 Datasheet
252Kb / 3P
N Male to N Male Adapter
PE9322 PASTERNACK-PE9322 Datasheet
256Kb / 3P
Precision 3.5mm Male to N Male Adapter
PE9426 PASTERNACK-PE9426 Datasheet
239Kb / 2P
Precision N Male to N Female Adapter
PE9427 PASTERNACK-PE9427 Datasheet
240Kb / 2P
Precision N Male to N Male Adapter
PE9446 PASTERNACK-PE9446 Datasheet
251Kb / 2P
Precision N Male to TNC Male Adapter
PE9489 PASTERNACK-PE9489 Datasheet
253Kb / 2P
Precision N Male to BNC Male Adapter
PE9504 PASTERNACK-PE9504 Datasheet
258Kb / 3P
Precision 2.4mm Male to N Male Adapter
PE9661 PASTERNACK-PE9661 Datasheet
251Kb / 2P
Precision 2.92mm Male to N Male Adapter
PE9504 PASTERNACK-PE9504 Datasheet
258Kb / 3P
Precision 2.4mm Male to N Male Adapter
PE9431 PASTERNACK-PE9431 Datasheet
259Kb / 3P
Precision SMA Male to N Male Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com