Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM-IWS.2S Datasheet (PDF) - ABB

CM-IWS.2S Datasheet PDF - ABB
Part # CM-IWS.2S
Download  CM-IWS.2S Download
File Size   281.96 Kbytes
Page   2 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description CM-IWS.2S Insulation monitoring relay 1c/o, 1-100kOhm, 24-240VAC/DC

CM-IWS.2S Datasheet (PDF)

Go To PDF Page Download Datasheet
CM-IWS.2S Datasheet PDF - ABB

Part # CM-IWS.2S
Download  CM-IWS.2S Click to download

File Size   281.96 Kbytes
Page   2 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description CM-IWS.2S Insulation monitoring relay 1c/o, 1-100kOhm, 24-240VAC/DC

CM-IWS.2S Datasheet (HTML) - ABB


CM-IWS.2S Product details

Extended Product Type CM-IWS.2S
Product ID 1SVR730670R0200
EAN 4016779852616
Catalog Description CM-IWS.2S Insulation monitoring relay 1c/o, 1-100kOhm, 24-240VAC/DC
Long Description CM-IWS.2S Insulation monitoring relay 1c/o, 1-100kOhm, 24-240VAC/DC Replacement for
1SVR630670R0200
General Information




Similar Part No. - CM-IWS.2S

ManufacturerPart #DatasheetDescription
logo
ABB
CM-IWS.2P ABB-CM-IWS.2P Datasheet
282Kb / 2P
CM-IWS.2P Insulation monitoring relay 1c/o, 1-100kOhm, 24-240VAC/DC
More results


Similar Description - CM-IWS.2S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1SVR740750R0400 ETC2-1SVR740750R0400 Datasheet
2Mb / 18P
Voltage monitoring relay CM-EFS.2 For single-phase AC/DC voltages
logo
Adam Technologies, Inc.
RCS-1C-12 ADAM-TECH-RCS-1C-12 Datasheet
91Kb / 1P
RELAY 1C 12VDC COIL
logo
PHOENIX CONTACT
REL-MR-G24 PHOENIX-REL-MR-G24 Datasheet
108Kb / 4P
Pluggable replacement miniature relay, 1 N/O contact, input voltage 24 V DC
logo
Beijing Yaohuadechang E...
JDJ YHDC-JDJ Datasheet
5Mb / 1P
Monitoring relay
JDL YHDC-JDL Datasheet
5Mb / 1P
Monitoring relay
JDS YHDC-JDS Datasheet
1Mb / 1P
Monitoring relay
JDY YHDC-JDY Datasheet
1Mb / 1P
Monitoring relay
JZS-34 YHDC-JZS-34 Datasheet
656Kb / 1P
Monitoring relay
logo
ABB
1SVR730840R0600 ABB-1SVR730840R0600 Datasheet
104Kb / 4P
CM-SRS.M1S Current monitoring relay 2c/o, BC= 3mA-1A RMS, 24-240VAC/DC
logo
Belden Inc.
1508A BELDEN-1508A Datasheet
176Kb / 2P
Audio Cable, #24-2c, TC, O/A Foil, CM
03-04-2023
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com