Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

84-2157 Datasheet (PDF) - Vigortronix Ltd

84-2157 Datasheet PDF - Vigortronix Ltd
Part # 84-2157
Download  84-2157 Download
File Size   1424.41 Kbytes
Page   3 Pages
Manufacturer  VIGORTRONIX [Vigortronix Ltd]
Direct Link  https://www.vigortronix.com/
Logo VIGORTRONIX - Vigortronix Ltd
Description 0.5 Watt Low Profile AC-DC Converters

84-2157 Datasheet (PDF)

Go To PDF Page Download Datasheet
84-2157 Datasheet PDF - Vigortronix Ltd

Part # 84-2157
Download  84-2157 Click to download

File Size   1424.41 Kbytes
Page   3 Pages
Manufacturer  VIGORTRONIX [Vigortronix Ltd]
Direct Link  https://www.vigortronix.com/
Logo VIGORTRONIX - Vigortronix Ltd
Description 0.5 Watt Low Profile AC-DC Converters

84-2157 Datasheet (HTML) - Vigortronix Ltd


84-2157 Product details

Features:
• 0.5W Low Profile <14.5mm Height
• High Temperature 80OC, 100% Loading
• Single Output - Regulated
• Wide Input Range: 85 - 265VAC, 47 - 63Hz
• Output Range: 3.3V - 48VDC
• Low Standby Power <0.3W
• Fully Isolated Pri - Sec >3600Vrms
• Insulation: Class II
• Materials: UL94-V0
• Safety: EN61558, EN60950, CE




Similar Part No. - 84-2157

ManufacturerPart #DatasheetDescription
logo
Vigortronix Ltd
84-2157 VIGORTRONIX-84-2157 Datasheet
1Mb / 5P
2 Watt Compact AC-DC Converters
03/23
More results


Similar Description - 84-2157

ManufacturerPart #DatasheetDescription
logo
Power-One
LB1740-6R POWER-ONE-LB1740-6R Datasheet
447Kb / 4P
700 Watt AC-DC Converters
LH1001-2R POWER-ONE-LH1001-2R Datasheet
63Kb / 4P
50 Watt AC-DC Converters
LK1001-7R POWER-ONE-LK1001-7R Datasheet
95Kb / 4P
150 Watt AC-DC Converters
LK4003-6R POWER-ONE-LK4003-6R Datasheet
95Kb / 4P
150 Watt AC-DC Converters
LKP5662-7R POWER-ONE-LKP5662-7R Datasheet
90Kb / 4P
250 Watt AC-DC Converters
LM1001-7R POWER-ONE-LM1001-7R Datasheet
66Kb / 4P
50 Watt AC-DC Converters
LPC1901-7D POWER-ONE-LPC1901-7D Datasheet
62Kb / 4P
190...230 Watt AC-DC Converters
LS1001-7R POWER-ONE-LS1001-7R Datasheet
66Kb / 4P
100 Watt AC-DC Converters
UT1201-7 POWER-ONE-UT1201-7 Datasheet
94Kb / 4P
500 Watt AC-DC Converters
logo
AIMTEC
AMHL-N AIMTEC-AMHL-N Datasheet
367Kb / 4P
0.5 watt dc-dc converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com