Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL1213A Datasheet (PDF) - Samsung semiconductor

AL1213A Datasheet PDF - Samsung semiconductor
Part # AL1213A
Download  AL1213A Download
File Size   91.03 Kbytes
Page   12 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 8-BIT 0.5MSPS DAC

AL1213A Datasheet (PDF)

Go To PDF Page Download Datasheet
AL1213A Datasheet PDF - Samsung semiconductor

Part # AL1213A
Download  AL1213A Click to download

File Size   91.03 Kbytes
Page   12 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 8-BIT 0.5MSPS DAC

AL1213A Datasheet (HTML) - Samsung semiconductor


AL1213A Product details

GENERAL DESCRIPTION
The AL1213A is a CMOS 8-bit D/A converter for general application. This digital to analog converter consists of a R-2R ladder block & an Op amp block. Its maximum conversion rate is 0.5MSPS.

FEATURES
• Resolution : 8-bit
• Differential Linearity Error : ± 0.4 LSB (TYP)
• Maximum Conversion Rate : 0.5MSPS
• Supply Voltage : 5V
• External Voltage Reference
• Single Voltage Output : 0V to 5V
• Operation Temperature Range : 0 to 70°C

TYPICAL APPLICATIONS
• DVD
• CDP
• General purpose Digital to Analog Conversion




Similar Part No. - AL1213A

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AL1212-8 ALTECH-AL1212-8 Datasheet
100Kb / 1P
ALUMINUM ENCLOSURE AL 1212-8
More results


Similar Description - AL1213A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5018 MAXIM-MAX5018 Datasheet
142Kb / 12P
8-Bit, High-Speed DAC
Rev 0; 3/97
logo
List of Unclassifed Man...
USC1841 ETC-USC1841 Datasheet
4Mb / 6P
QUAD 8 BIT DAC
logo
Agamem Microelectronic ...
AA88347AP AGAMEM-AA88347AP Datasheet
95Kb / 10P
8-BIT DAC
AA88347L AGAMEM-AA88347L Datasheet
199Kb / 10P
8-BIT DAC
AA88348AP AGAMEM-AA88348AP Datasheet
95Kb / 10P
8-BIT DAC
AA88349 AGAMEM-AA88349 Datasheet
196Kb / 8P
8-BIT DAC
logo
A1 PROs co., Ltd.
AI88347 A1PROS-AI88347 Datasheet
277Kb / 12P
8-BIT DAC
logo
Agamem Microelectronic ...
AA88347A AGAMEM-AA88347A Datasheet
52Kb / 1P
8-BIT DAC
AA88348 AGAMEM-AA88348 Datasheet
52Kb / 1P
8-BIT DAC
logo
Analog Devices
AD7228KR AD-AD7228KR Datasheet
210Kb / 8P
LC2MOS Octal 8-Bit DAC
REV. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com