Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPUL1G113 Datasheet (PDF) - Texas Instruments

TPUL1G113 Datasheet PDF - Texas Instruments
Part # TPUL1G113
Download  TPUL1G113 Download
File Size   1569.72 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPUL1G113 Single Retriggerable Pulse Generator With RC Timing, Rising and Falling Edge Triggers, and Asynchronous Clear

TPUL1G113 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPUL1G113 Datasheet PDF - Texas Instruments

Part # TPUL1G113
Download  TPUL1G113 Click to download

File Size   1569.72 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPUL1G113 Single Retriggerable Pulse Generator With RC Timing, Rising and Falling Edge Triggers, and Asynchronous Clear

TPUL1G113 Datasheet (HTML) - Texas Instruments


TPUL1G113 Product details

1 Features
• RC configurable from 1μs to 860ms
• For pulses longer than 860ms, use TPUL1G313
• 1% typical, 10% maximum pulse width variation
• Wide operating range from 1.5V to 5.5V
• Inputs accept voltages up to 5.5V
• Schmitt-trigger architecture on all inputs

2 Applications
• Generate a positive fixed-width digital pulse
• Detect a digital signal rising edge
• Detect a digital signal falling edge
• Debounce a switch

3 Description
The TPUL1G113 device is a single RC configurable
retriggerable monostable multivibrator designed for
operation from 1.5V to 5.5V. The output pulse
duration is configured by selecting external resistance
and capacitance values with an approximate output
pulse width of tw = R × C.
This device features three trigger inputs, allowing for
rising edge (T) and falling edge (T) triggers and a
clear input (CLR) that can be used asynchronously
to stop an active output pulse, forcing the output
low and resetting device. All trigger inputs include
Schmitt-trigger architecture to allow for slow input
transition rates and improve noise immunity.




Similar Part No. - TPUL1G113

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPUL1G113-Q1 TI2-TPUL1G113-Q1 Datasheet
1Mb / 37P
TPUL1G113-Q1 Automotive Single Retriggerable Pulse Generator With RC Timing, Rising And Falling Edge Triggers, And Asynchronous Clear
FEBRUARY 2026
TPUL1G113-Q1 TI2-TPUL1G113-Q1 Datasheet
1Mb / 39P
TPUL1G113-Q1 Automotive Single Retriggerable Pulse Generator With RC Timing, Rising And Falling Edge Triggers, And Asynchronous Clear
REVISED JULY 2026
TPUL1G113-Q1 TI2-TPUL1G113-Q1_V01 Datasheet
1Mb / 39P
TPUL1G113-Q1 Automotive Single Retriggerable Pulse Generator With RC Timing, Rising And Falling Edge Triggers, And Asynchronous Clear
REVISED JULY 2026
TPUL1G113DCURQ1 TI2-TPUL1G113DCURQ1 Datasheet
1Mb / 39P
TPUL1G113-Q1 Automotive Single Retriggerable Pulse Generator With RC Timing, Rising And Falling Edge Triggers, And Asynchronous Clear
REVISED JULY 2026
More results


Similar Description - TPUL1G113

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54123 NSC-DM54123 Datasheet
130Kb / 6P
Dual Retriggerable One-Shot with Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM74123 FAIRCHILD-DM74123 Datasheet
56Kb / 5P
Dual Retriggerable One-Shot with Clear and Complementary Outputs
DM74LS123 FAIRCHILD-DM74LS123 Datasheet
96Kb / 8P
Dual Retriggerable One-Shot with Clear and Complementary Outputs
logo
National Semiconductor ...
DM74LS122 NSC-DM74LS122 Datasheet
129Kb / 6P
DM74LS122 Retriggerable One-Shot with Clear and Complementary Outputs
54123 NSC-54123 Datasheet
157Kb / 4P
DUAL RETRIGGERABLE ONE-SHOP WITH CLEAR AND COMPLEMENTARY OUTPUTS
logo
Gennum Corporation
GS4901B GENNUM-GS4901B Datasheet
1Mb / 95P
SD Clock and Timing Generator with GENLOCK
logo
National Semiconductor ...
DM74LS123 NSC-DM74LS123 Datasheet
135Kb / 6P
Dual Retriggerable One-Shot with Clear and Complementary Outputs
logo
Intersil Corporation
ISL89367 INTERSIL-ISL89367 Datasheet
462Kb / 13P
High Speed, Dual Channel, 6A, MOSFET Driver With Programmable Rising and Falling Edge Delay Timers
January 31, 2011
logo
Gennum Corporation
GS4901B GENNUM-GS4901B_09 Datasheet
1Mb / 102P
SD Clock and Timing Generator with GENLOCK
logo
Renesas Technology Corp
ISL89367 RENESAS-ISL89367 Datasheet
672Kb / 14P
High Speed, Dual Channel, 6A, MOSFET Driver With Programmable Rising and Falling Edge Delay Timers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com