| Manufacturer | Part # | Datasheet | Description |
 Panasonic Semiconductor |
AN6535
|
37Kb / 4P |
4-pin Negative Adjustable Voltage Regulator
|
 Cherry Semiconductor Co... |
CS5208-1
|
136Kb / 7P |
8A LDO 3-Pin Adjustable Linear Regulator
Rev. 6/11/97 |
|
CS5210-1
|
142Kb / 8P |
10A LDO 3-Pin Adjustable Linear Regulator
Rev. 6/12/97 |
|
CS52510-1
|
154Kb / 9P |
10A LDO 5-Pin Adjustable Linear Regulator
Rev. 3/17/99 |
|
CS5257A-1
|
173Kb / 9P |
7A LDO 5-Pin Adjustable Linear Regulator
Rev. 4/5/99 |
|
CS5258-1
|
153Kb / 9P |
8A LDO 5-Pin Adjustable Linear Regulator
Rev. 3/17/99 |
 List of Unclassifed Man... |
20138
|
230Kb / 1P |
Wiha Insulated Open-Ended Spanners
|
|
20133
|
230Kb / 1P |
Wiha Insulated Open-Ended Spanners
|
 Texas Instruments |
LM117
|
5Mb / 48P |
Wide Temperature Three-Pin Adjustable Regulator
|
|
LM317-N-MIL
|
4Mb / 39P |
Wide Temperature Three-Pin Adjustable Regulator
|