Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC21005BQDDGL2#KB0 Datasheet (PDF) - Renesas Technology Corp

RC21005BQDDGL2#KB0 Datasheet PDF - Renesas Technology Corp
Part # RC21005BQDDGL2#KB0
Download  RC21005BQDDGL2#KB0 Download
File Size   1863.01 Kbytes
Page   61 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VersaClock 7 Programmable Clock Generator Family

RC21005BQDDGL2#KB0 Datasheet (PDF)

Go To PDF Page Download Datasheet
RC21005BQDDGL2#KB0 Datasheet PDF - Renesas Technology Corp

Part # RC21005BQDDGL2#KB0
Download  RC21005BQDDGL2#KB0 Click to download

File Size   1863.01 Kbytes
Page   61 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VersaClock 7 Programmable Clock Generator Family

RC21005BQDDGL2#KB0 Datasheet (HTML) - Renesas Technology Corp


RC21005BQDDGL2#KB0 Product details

▪ 169fs RMS phase jitter at 156.25MHz (typ.)
▪ PCIe® Gen7 Common Clock jitter: 8fs RMS (typ.)
▪ PCIe SRIS and SRNS support
▪ 1kHz to 200MHz LVCMOS outputs
▪ 1kHz to 650MHz LVDS/LP-HCSL outputs
▪ LP-HCSL integrates 100 or 85 terminations
▪ Simple AC-coupling to LVPECL and CML
▪ Programmable General Purpose Inputs (GPI × 4)
and General Purpose Input/Outputs (GPIO × 5)
▪ 400kHz I2C / SMBus or 20MHz SPI support
▪ Configuration via factory-programmed One-Time
Programmable (OTP) memory, serial interface or
external I2C EEPROM
▪ OTP holds up to four complete or 27 partial
configurations
▪ 1.8V, 2.5V, 3.3V, -40° to +85°C operation
▪ RC21012B – 12 output pairs
• 6 × 6 mm 48-QFN, integrated crystal option
▪ RC21008B – 8 output pairs
• 5 × 5 mm 40-QFN, integrated crystal option
▪ RC21005B – 5 output pairs
• 4 x 4 mm 32-QFN with integrated crystal




Similar Part No. - RC21005BQDDGL2#KB0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RC21005BQDDGL2#KB0 RENESAS-RC21005BQDDGL2#KB0 Datasheet
1Mb / 61P
VersaClock 7 Programmable Clock Generator Family
Rev.1.26 Feb 2, 2026
More results


Similar Description - RC21005BQDDGL2#KB0

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P35021 IDT-5P35021 Datasheet
393Kb / 34P
VersaClock Programmable Clock Generator
5P35023 IDT-5P35023 Datasheet
423Kb / 34P
VersaClock Programmable Clock Generator
5P49V60 IDT-5P49V60 Datasheet
452Kb / 28P
VersaClock 6E Programmable Clock Generator
5P49V6965 IDT-5P49V6965 Datasheet
461Kb / 28P
VersaClock 6E Programmable Clock Generator
5P49V6967 IDT-5P49V6967 Datasheet
1Mb / 32P
VersaClock 6E Programmable Clock Generator
5X35023 IDT-5X35023 Datasheet
478Kb / 40P
VersaClock Programmable Clock Generator
5L35021 IDT-5L35021_17 Datasheet
456Kb / 37P
VersaClock 3S Programmable Clock Generator
5P35021 IDT-5P35021_1 Datasheet
453Kb / 34P
VersaClock Programmable Clock Generator
logo
Renesas Technology Corp
5P35021-152 RENESAS-5P35021-152 Datasheet
945Kb / 40P
VersaClock® Programmable Clock Generator
Mar 30, 2016
RC210XXA RENESAS-RC210XXA Datasheet
1Mb / 59P
VersaClock 7 Programmable Clock Generator Family
Nov 22, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com