Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2CSF204401R1400 Datasheet (PDF) - ABB

2CSF204401R1400 Datasheet PDF - ABB
Part # 2CSF204401R1400
Download  2CSF204401R1400 Download
File Size   175.89 Kbytes
Page   4 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description F204 A-40/0.03 AP-R Residual Current Circuit Breaker 4P A type 30 mA

2CSF204401R1400 Datasheet (PDF)

Go To PDF Page Download Datasheet
2CSF204401R1400 Datasheet PDF - ABB

Part # 2CSF204401R1400
Download  2CSF204401R1400 Click to download

File Size   175.89 Kbytes
Page   4 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description F204 A-40/0.03 AP-R Residual Current Circuit Breaker 4P A type 30 mA

2CSF204401R1400 Datasheet (HTML) - ABB


2CSF204401R1400 Product details

Extended Product Type F204 A-40/0.03 AP-R
Product ID 2CSF204401R1400
EAN 8012542785507
Catalog Description F204 A-40/0.03 AP-R Residual Current Circuit Breaker 4P A type 30 mA
Long Description
The RCCBs F200 series assures protection to people and installations against fault current
to earth. A large offer for standard instantaneous and selective AC and A types is completed
with some configurations for special applications. This product provides the best
compromise between safety and continuity in the service, thanks to the resistance to
unwanted trippings.
General Information




Similar Part No. - 2CSF204401R1400

ManufacturerPart #DatasheetDescription
logo
ABB
2CSF204001R1630 ABB-2CSF204001R1630 Datasheet
470Kb / 10P
Protecta - Type B Distribution Boards TP & N Distribution Boards
2CSF204001R1800 ABB-2CSF204001R1800 Datasheet
470Kb / 10P
Protecta - Type B Distribution Boards TP & N Distribution Boards
2CSF204001R1900 ABB-2CSF204001R1900 Datasheet
470Kb / 10P
Protecta - Type B Distribution Boards TP & N Distribution Boards
2CSF204001R2630 ABB-2CSF204001R2630 Datasheet
470Kb / 10P
Protecta - Type B Distribution Boards TP & N Distribution Boards
2CSF204001R2900 ABB-2CSF204001R2900 Datasheet
470Kb / 10P
Protecta - Type B Distribution Boards TP & N Distribution Boards
More results


Similar Description - 2CSF204401R1400

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
020137MR SUYIN-USA-020137MR Datasheet
112Kb / 1P
USB A TYPE R/A DIP TYPE
logo
SeCoS Halbleitertechnol...
SCS751G SECOS-SCS751G_11 Datasheet
175Kb / 2P
0.03 A , 40 V Schottky Barrier Rectifiers
logo
FCI connector
51915-072 FCI-CONNECTOR-51915-072 Datasheet
238Kb / 4P
4P 12S 4P R/A SOLDER RECEPTACLE
logo
STMicroelectronics
STD30NF04LT STMICROELECTRONICS-STD30NF04LT Datasheet
912Kb / 15P
N-channel 40 V, 0.03 typ., 30 A, STripFET II Power MOSFET in a DPAK package
23-Nov-2012
logo
PHOENIX CONTACT
2806223 PHOENIX-2806223 Datasheet
54Kb / 4P
Residual current converter for type B residual current monitor.
2806236 PHOENIX-2806236 Datasheet
54Kb / 4P
Residual current converter for type B residual current monitor.
2806249 PHOENIX-2806249 Datasheet
54Kb / 4P
Residual current converter for type B residual current monitor.
logo
Schneider Electric
56273 SCHNEIDER-56273 Datasheet
136Kb / 3P
residual current protection relay, Vigirex RH99P, 30 mA to 30 A, 220/240 VAC 50/60 Hz, front panel mounting
Dec 10, 2020
A9K24340 SCHNEIDER-A9K24340 Datasheet
79Kb / 2P
miniature circuit breaker - iK60N - 3P - 40 A - C curve
23-Feb-2021
logo
Weidmuller
2656270000 WEIDMULLER-2656270000 Datasheet
139Kb / 2P
Residual current transformer (RCM), Primary current: 18 A
November 4, 2021
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com