Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP152X009X Datasheet (PDF) - Nisshinbo Micro Devices Inc.

RP152X009X Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # RP152X009X
Download  RP152X009X Download
File Size   2697.76 Kbytes
Page   29 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 150 mA Low Voltage Dual-Channel LDO Regulator with Sequence Control

RP152X009X Datasheet (PDF)

Go To PDF Page Download Datasheet
RP152X009X Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # RP152X009X
Download  RP152X009X Click to download

File Size   2697.76 Kbytes
Page   29 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 150 mA Low Voltage Dual-Channel LDO Regulator with Sequence Control

RP152X009X Datasheet (HTML) - Nisshinbo Micro Devices Inc.


RP152X009X Product details

FEATURES
• Supply Current ························································ Typ. 40 μA x 2
• Standby Current ······················································ Typ. 0.1μA x 2
• Ripple Rejection ······················································ Typ. 70 dB, f = 1 kHz
• Input Voltage Range ················································· 1.4 V to 5.25 V
• Output Voltage Range ··············································· 0.8 V to 3.6 V, 0.1 V step
• Output Voltage Accuracy ··········································· ±1.0%, VSET > 2.0 V, Ta = 25°C
• Temperature-Drift Coefficient of Output Voltage ·············· Typ. ±80 ppm/°C
• Dropout Voltage ······················································· Typ. 0.20 V, IOUT = 150 mA, VSET = 2.8 V
• Line Regulation ······················································· Typ. 0.02%/ V
• Packages ······························································· DFN1212-6, SOT-23-6
• Short-current Limit ··················································· Typ. 40 mA
• Ceramic Capacitor Compatible ··································· 0.22 μF or more




Similar Part No. - RP152X009X

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP152 RICOH-RP152 Datasheet
2Mb / 29P
Supply Current Typ. 40 uA x 2
RP152L008A-TR RICOH-RP152L008A-TR Datasheet
2Mb / 29P
Supply Current Typ. 40 uA x 2
RP152L008B-TR RICOH-RP152L008B-TR Datasheet
2Mb / 29P
Supply Current Typ. 40 uA x 2
RP152L008C-TR RICOH-RP152L008C-TR Datasheet
2Mb / 29P
Supply Current Typ. 40 uA x 2
RP152L010A-TR RICOH-RP152L010A-TR Datasheet
2Mb / 29P
Supply Current Typ. 40 uA x 2
More results


Similar Description - RP152X009X

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
150 mA, Low-Noise LDO Voltage Regulator
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
logo
Analog Devices
ADP5022 AD-ADP5022 Datasheet
683Kb / 28P
Dual 3 MHz, 600 mA Buck Regulator with 150 mA LDO
REV. A
logo
ON Semiconductor
CAT6217 ONSEMI-CAT6217 Datasheet
165Kb / 9P
150 mA CMOS LDO Regulator
December, 2009 ??Rev. 5
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688DSN28T1G ONSEMI-NCP4688DSN28T1G Datasheet
713Kb / 14P
150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688 ONSEMI-NCP4688 Datasheet
728Kb / 14P
150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
logo
Microchip Technology
MCP1804 MICROCHIP-MCP1804_13 Datasheet
2Mb / 36P
150 mA, 28V LDO Regulator With Shutdown
08/20/13
logo
ON Semiconductor
NCP140 ONSEMI-NCP140 Datasheet
779Kb / 15P
LDO Voltage Regulator - Capacitor Free, Low Noise 150 mA
September, 2019 ??Rev. 2
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
150 mA Low-Noise LDO Regulator
09/14/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com