Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

88-201B Datasheet (PDF) - Premier Farnell Limited.

88-201B Datasheet PDF - Premier Farnell Limited.
Part # 88-201B
Download  88-201B Download
File Size   133.43 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Iron, Soldering Replacement

88-201B Datasheet (PDF)

Go To PDF Page Download Datasheet
88-201B Datasheet PDF - Premier Farnell Limited.

Part # 88-201B
Download  88-201B Click to download

File Size   133.43 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Iron, Soldering Replacement

88-201B Datasheet (HTML) - Premier Farnell Limited.


88-201B Product details

Features
•
24V 48W ceramic heater
•
Hi-quality tip N1-16
•
5 Pin plug




Similar Part No. - 88-201B

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
88-201 GRAYHILL-88-201 Datasheet
379Kb / 5P
Sealed, Flange Mounted
88-201 GRAYHILL-88-201 Datasheet
42Kb / 1P
Sealed Keypads
More results


Similar Description - 88-201B

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TN7.5-2P40 FERROXCUBE-TN7.5-2P40 Datasheet
47Kb / 3P
Iron powder toroids
TN20-13-6 FERROXCUBE-TN20-13-6 Datasheet
45Kb / 3P
Iron powder toroids
TN24-15-7.5 FERROXCUBE-TN24-15-7.5 Datasheet
46Kb / 3P
Iron powder toroids
logo
List of Unclassifed Man...
SPG40 ETC2-SPG40 Datasheet
68Kb / 1P
Weller Replacement Soldering Iron, 40 watts, for WLC100 Soldering Station
logo
MERITEK ELECTRONICS COR...
WL MERITEK-WL Datasheet
1Mb / 15P
Very strong solderability by flow soldering, soldering iron or wave soldering
logo
Pericom Semiconductor C...
PT8A3514A PERICOM-PT8A3514A Datasheet
279Kb / 8P
Smart Iron Controller
logo
List of Unclassifed Man...
TS100 ETC1-TS100 Datasheet
5Mb / 22P
Soldering Iron
SP40NKUS ETC1-SP40NKUS Datasheet
63Kb / 1P
Weller Soldering Iron Kit w/LEDs (40 Watt)
logo
SparkFun Electronics
TOL-14456 SPARKFUN-TOL-14456 Datasheet
106Kb / 1P
Soldering Iron ??60W (Adjustable Temperature)
11????7
logo
Analog Technologies, In...
ATAS80 ANALOGTECHNOLOGIES-ATAS80 Datasheet
373Kb / 7P
Auto Iron
3/22/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com