Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

841S104EGILFT Datasheet (PDF) - Renesas Technology Corp

841S104EGILFT Datasheet PDF - Renesas Technology Corp
Part # 841S104EGILFT
Download  841S104EGILFT Download
File Size   1166.86 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Crystal-to-HCSL 100MHz PCI ExpressTM Clock Synthesizer

841S104EGILFT Datasheet (PDF)

Go To PDF Page Download Datasheet
841S104EGILFT Datasheet PDF - Renesas Technology Corp

Part # 841S104EGILFT
Download  841S104EGILFT Click to download

File Size   1166.86 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Crystal-to-HCSL 100MHz PCI ExpressTM Clock Synthesizer

841S104EGILFT Datasheet (HTML) - Renesas Technology Corp


841S104EGILFT Product details

• Four 0.7V current mode differential HCSL output pairs
• Crystal oscillator interface: 25MHz
• Output frequency: 100MHz
• RMS phase jitter @ 100MHz (12kHz – 20MHz): 1.145ps (typical)
• Cycle-to-cycle jitter: 20ps (maximum)
• I2C support with readback capabilities up to 400kHz
• Spread Spectrum for electromagnetic interference (EMI) reduction
• 3.3V operating supply mode
• -40°C to 85°C ambient operating temperature
• Available lead-free (RoHS 6) package
• PCI Express Gen 1, 2, 3 jitter compliant
HiPerClockS™




Similar Part No. - 841S104EGILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
841S104EGILFT IDT-841S104EGILFT Datasheet
993Kb / 22P
Crystal-to-HCSL 100MHz PCI ExpressTM Clock Synthesizer
More results


Similar Description - 841S104EGILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS842S104 IDT-ICS842S104 Datasheet
925Kb / 21P
Crystal-to-HSTL 100MHz / 200MHz PCI Express??Clock Synthesizer
841S104EGILF IDT-841S104EGILF Datasheet
993Kb / 22P
Crystal-to-HCSL 100MHz PCI ExpressTM Clock Synthesizer
841N254B IDT-841N254B Datasheet
481Kb / 24P
FemtoClock NG Crystal-to-LVDS/ HCSL Clock Synthesizer
logo
Renesas Technology Corp
841S101 RENESAS-841S101 Datasheet
453Kb / 24P
Crystal-to-HCSL, 100MHz PCI Express™ Clock Synthesizer
Revision B, May 25, 2016
841S102 RENESAS-841S102 Datasheet
579Kb / 26P
Crystal-to-HCSL, 100MHz PCI Express ™ Clock Synthesizer
July 7, 2016
842S104E RENESAS-842S104E Datasheet
590Kb / 23P
Crystal-to-HSTL, 100MHz/ 200MHz PCI Express™ Clock Synthesizer
January 4, 2016
IDT8V41S104I RENESAS-IDT8V41S104I Datasheet
631Kb / 30P
Crystal-to-HCSL 100MHz PCI EXPRESS™ Clock Synthesizer
2019
841S01 RENESAS-841S01 Datasheet
473Kb / 18P
PCI ExpressTM Clock Generator
2019
841S02 RENESAS-841S02 Datasheet
476Kb / 18P
PCI ExpressTM Clock Generator
2019
843S304I-100 RENESAS-843S304I-100 Datasheet
666Kb / 25P
Crystal-to-LVPECL 100MHz Clock Synthesizer
January 6, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com