Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DBU0241AKILF Datasheet (PDF) - Renesas Technology Corp

9DBU0241AKILF Datasheet PDF - Renesas Technology Corp
Part # 9DBU0241AKILF
Download  9DBU0241AKILF Download
File Size   460.79 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2 Output 1.5V PCIe Gen1–3 Zero-Delay/Fan-Out Buffer with Zo = 100ohms

9DBU0241AKILF Datasheet (PDF)

Go To PDF Page Download Datasheet
9DBU0241AKILF Datasheet PDF - Renesas Technology Corp

Part # 9DBU0241AKILF
Download  9DBU0241AKILF Click to download

File Size   460.79 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2 Output 1.5V PCIe Gen1–3 Zero-Delay/Fan-Out Buffer with Zo = 100ohms

9DBU0241AKILF Datasheet (HTML) - Renesas Technology Corp


9DBU0241AKILF Product details

• Direct connection to 100 transmission lines; saves 8
resistors compared to standard HCSL outputs
• 35mW typical power consumption in PLL mode;
eliminates thermal concerns
• Spread Spectrum (SS) compatible; allows SS for EMI reduction
• OE# pins; support DIF power management
• HCSL-compatible differential input; can be driven by
common clock sources
• SMBus-selectable features; optimize signal integrity to application:
• Slew rate for each output
• Differential output amplitude
• Pin/SMBus selectable PLL bandwidth and PLL Bypass;
optimize PLL to application
• Outputs blocked until PLL is locked; clean system start-up
• Device contains default configuration; SMBus interface
not required for device control
• 3.3V tolerant SMBus interface works with legacy controllers
• Space saving 24-pin 4 x 4 mm VFQFPN; minimal board space




Similar Part No. - 9DBU0241AKILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBU0241 ICST-9DBU0241 Datasheet
296Kb / 17P
slew rate for each output
REVISION C 04/22/15
logo
Integrated Device Techn...
9DBU0241 IDT-9DBU0241 Datasheet
296Kb / 17P
HCSL-compatible differential input
logo
Renesas Technology Corp
9DBU0241 RENESAS-9DBU0241 Datasheet
3Mb / 18P
2 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB w/Zo=100ohms
04/22/15
More results


Similar Description - 9DBU0241AKILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0831 IDT-9DBV0831_16 Datasheet
326Kb / 19P
8-output 1.8V PCIe Gen1/2/3 Zero-Delay/Fan-out Buffer
9DBV0841 IDT-9DBV0841_16 Datasheet
207Kb / 16P
8-output 1.8V PCIe Gen1-3 Zero-Delay/Fan-out Buffer
9DBU0541 IDT-9DBU0541_17 Datasheet
218Kb / 17P
5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
9DBU0941 IDT-9DBU0941_17 Datasheet
218Kb / 17P
9-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
logo
Renesas Technology Corp
9DBU0541 RENESAS-9DBU0541 Datasheet
412Kb / 18P
5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
MARCH 9, 2017
9DBU0741 RENESAS-9DBU0741 Datasheet
412Kb / 18P
7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
MARCH 8, 2017
9DBU0941 RENESAS-9DBU0941 Datasheet
412Kb / 18P
9-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
MARCH 9, 2017
9DBV0241 RENESAS-9DBV0241 Datasheet
756Kb / 17P
2-Output 1.8V PCIe Zero Delay/Fanout Clock Buffer with Zo = 100ohms
AUGUST 2, 2021
9DBV0441 RENESAS-9DBV0441 Datasheet
753Kb / 18P
4-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms
February 6, 2023
9FGU0841 RENESAS-9FGU0841 Datasheet
400Kb / 17P
8-output 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com