Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMG2104R044 Datasheet (PDF) - Texas Instruments

LMG2104R044 Datasheet PDF - Texas Instruments
Part # LMG2104R044
Download  LMG2104R044 Download
File Size   2256.03 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMG210xR0xx 100V GaN Half-Bridge Power Stage With Integrated Protection and Smart-Switching Features

LMG2104R044 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMG2104R044 Datasheet PDF - Texas Instruments

Part # LMG2104R044
Download  LMG2104R044 Click to download

File Size   2256.03 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMG210xR0xx 100V GaN Half-Bridge Power Stage With Integrated Protection and Smart-Switching Features

LMG2104R044 Datasheet (HTML) - Texas Instruments


LMG2104R044 Product details

1 Features
• GaN half bridge power stage with integrated driver: 100V (GaN FET options: 2.2mΩ, 4.4mΩ)
• Efficient and high-density power conversion with
– Ultra-low propagation delay (20ns) and matching (2ns)
– Independent turn-on and turn-off slew-rate control for both the GaN FETs
– Zero-voltage detection (ZVD) reporting for dead-time optimization
– Ideal diode mode (IDM) to reduce third quadrant losses in soft switching application
• Input control flexibility
– Independent input mode (IIM) control
– Single PWM input with resistor programmable dead time option for IO-limited controllers
• Robust protection
– Interlock protection in IIM mode (LMG2104)
– Internal bootstrap supply voltage regulation to prevent GaN FET overdrive
– VDS monitoring based cycle-by-cycle shortcircuit protection
– Fault indication for over-temperature, supply under-voltage and short-circuit events
• External bias power supply: 5V
– Supports 3.3V and 5V input logic levels
• Parasitic optimized QFN package with exposed top pad to support top-side cooling

2 Applications
• Server PSU and BBU
• Telecom power
• Energy infrastructure
• Motor drives
• Class-D audio amplifiers

3 Description
The LMG210xR0xx device is a family of 100V halfbridge power stages, with integrated gate-driver and enhancement-mode gallium nitride (GaN) FETs. The devices consist of a high-frequency GaN FET driver a half-bridge configuration, that drives two 100V GaN FETs.
GaN FETs provide significant advantages for power conversion as GaN FETs have zero reverse recovery and very small input capacitance (CISS) and output capacitance (COSS). All the devices are mounted on a completely bond-wire free package platform with minimized package parasitic elements, which can be easily mounted on PCBs.
The TTL logic compatible inputs support 3.3V and 5V logic levels, regardless of the VCC voltage. A proprietary bootstrap voltage control technique regulates the gate voltages of the enhancement mode GaN FETs within the safe operating range. The device extends advantages of discrete GaN FETs by offering a more user-friendly interface. The device is an excellent option for applications requiring highfrequency, high-efficiency operation in a small form factor.




Similar Part No. - LMG2104R044

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMG2104R044 TI2-LMG2104R044 Datasheet
2Mb / 18P
LMG210xR0xx 100V GaN Half-Bridge Power Stage With Integrated Protection and Smart-Switching Features
MAY 2026
More results


Similar Description - LMG2104R044

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMG5200 TI-LMG5200_15 Datasheet
229Kb / 23P
GaN TECHNOLOGY PREVIEWLMG5200 80-V, GaN Half-Bridge Power Stage
LMG5200 TI1-LMG5200_16 Datasheet
299Kb / 23P
GaN Half-Bridge Power Stage
LMG3410R050 TI1-LMG3410R050 Datasheet
910Kb / 27P
600-V 50-m(ohm) Integrated GaN Power Stage With Overcurrent Protection
logo
Infineon Technologies A...
BTN7030-1EPA INFINEON-BTN7030-1EPA Datasheet
2Mb / 46P
NovalithIC??Lite ??smart integrated half-bridge
v1.1 2020-11-20
logo
Efficient Power Convers...
EPC2107 EPC-CO-EPC2107 Datasheet
2Mb / 10P
Enhancement-Mode GaN Power Transistor Half-Bridge with Integrated Synchronous Bootstrap
EPC2108 EPC-CO-EPC2108 Datasheet
2Mb / 10P
Enhancement-Mode GaN Power Transistor Half-Bridge with Integrated Synchronous Bootstrap
logo
List of Unclassifed Man...
WI62120 ETC-WI62120 Datasheet
3Mb / 10P
Half-Bridge Power GaN IC
Rev. 1.0
logo
Renesas Technology Corp
ISL73033SLHM RENESAS-ISL73033SLHM Datasheet
477Kb / 15P
Radiation Hardened Driver-GaN Power Stage with 100V GaN FET
Jul 30, 2021
logo
Texas Instruments
LMG2100R044 TI1-LMG2100R044 Datasheet
916Kb / 26P
LMG2100R044 100-V, 35-A GaN Half-Bridge Power Stage
JULY 2023
logo
Analog Devices
LT8418 AD-LT8418 Datasheet
686Kb / 19P
100V Half-Bridge GaN Driver with Smart Integrated Bootstrap Switch
Rev 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com