Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU7660AV Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJU7660AV Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJU7660AV
Download  NJU7660AV Download
File Size   130.96 Kbytes
Page   10 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description VOLTAGE CONVERTER

NJU7660AV Datasheet (PDF)

Go To PDF Page Download Datasheet
NJU7660AV Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJU7660AV
Download  NJU7660AV Click to download

File Size   130.96 Kbytes
Page   10 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description VOLTAGE CONVERTER

NJU7660AV Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJU7660AV Product details

FEATURES
Full Compatible with NJU7660
Correspond to MLCC and electrolytic capacitor
Twofold positive Output
Polarity-converted Negative voltage Output
Operating voltage range :+1.5V to +10V(for Negative voltage converter)
:+3.0V to +10V(for Twofold voltage converter)
High-efficiency voltage conversion rate :99.9%(No load, Negative voltage converter)
Few external components :2 capacitors(Negative voltage converter)
:2 capacitors, 2diode(Twofold voltage converter)
Package Outline :DMP8, SSOP8
CMOS Technology




Similar Part No. - NJU7660AV

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7660A NJRC-NJU7660A Datasheet
136Kb / 10P
VOLTAGE CONVERTER
More results


Similar Description - NJU7660AV

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7660 NJRC-NJU7660 Datasheet
248Kb / 6P
VOLTAGE CONVERTER
NJU7662 NJRC-NJU7662 Datasheet
262Kb / 6P
VOLTAGE CONVERTER?
logo
Linear Technology
LT1026 LINER-LT1026 Datasheet
107Kb / 8P
Voltage Converter
LT1026 LINER-LT1026_03 Datasheet
153Kb / 8P
Voltage Converter
LT1026 LINER-LT1026_15 Datasheet
163Kb / 8P
Voltage Converter
logo
New Japan Radio
NJU7660A NJRC-NJU7660A Datasheet
136Kb / 10P
VOLTAGE CONVERTER
logo
Texas Instruments
TL7660 TI1-TL7660_14 Datasheet
761Kb / 23P
CMOS VOLTAGE CONVERTER
logo
Guangdong Kexin Industr...
KM7660 KEXIN-KM7660 Datasheet
306Kb / 8P
Voltage Converter
logo
Pepperl+Fuchs Inc.
FB5206B PF-FB5206B Datasheet
500Kb / 3P
Voltage Converter
LB5106A PF-LB5106A Datasheet
564Kb / 3P
Voltage Converter
2021-12-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com