Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC22308 Datasheet (PDF) - Renesas Technology Corp

RC22308 Datasheet PDF - Renesas Technology Corp
Part # RC22308
Download  RC22308 Download
File Size   1058.03 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClockTM 3 Multi-Frequency Clock Synthesizer

RC22308 Datasheet (PDF)

Go To PDF Page Download Datasheet
RC22308 Datasheet PDF - Renesas Technology Corp

Part # RC22308
Download  RC22308 Click to download

File Size   1058.03 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClockTM 3 Multi-Frequency Clock Synthesizer

RC22308 Datasheet (HTML) - Renesas Technology Corp


RC22308 Product details

▪ Jitter 25fs RMS, 12kHz to 20MHz with 4MHz HPF
▪ Output frequency range:
• 4kHz to 1GHz for differential outputs
• 4kHz to 250MHz for single-ended outputs
▪ Up to 12 HCSL (AC-LVPECL) or LVDS outputs with
independent integer dividers; differential outputs
can be configured as two single-ended outputs
▪ DCO frequency resolution < 10-13
▪ Factory programmable internal OTP
▪ RC22312
• 12 outputs
• 9 × 9 mm, 64-VFQFPN
▪ RC22308
• 8 outputs
• 7 × 7 mm, 48-VFQFPN
▪ Operating voltage: 1.8V
• Serial ports support 1.8V or 3.3V
▪ Operating temperature:
• -40°C to 85°C ambient
• -40°C to 105°C board




Similar Part No. - RC22308

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RC22308 RENESAS-RC22308 Datasheet
898Kb / 30P
FemtoClockTM 3 Multi-Frequency Clock Synthesizer
Nov 17, 2025
RC22308A000GNE#BB0 RENESAS-RC22308A000GNE#BB0 Datasheet
898Kb / 30P
FemtoClockTM 3 Multi-Frequency Clock Synthesizer
Nov 17, 2025
RC22308A000GNE#KB0 RENESAS-RC22308A000GNE#KB0 Datasheet
898Kb / 30P
FemtoClockTM 3 Multi-Frequency Clock Synthesizer
Nov 17, 2025
RC22308A001GNE#BB0 RENESAS-RC22308A001GNE#BB0 Datasheet
898Kb / 30P
FemtoClockTM 3 Multi-Frequency Clock Synthesizer
Nov 17, 2025
RC22308A001GNE#KB0 RENESAS-RC22308A001GNE#KB0 Datasheet
898Kb / 30P
FemtoClockTM 3 Multi-Frequency Clock Synthesizer
Nov 17, 2025
More results


Similar Description - RC22308

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC12429 MOTOROLA-MC12429 Datasheet
123Kb / 12P
HIGH FREQUENCY CLOCK SYNTHESIZER
logo
PulseCore Semiconductor
PCS1P2859A PULSECORE-PCS1P2859A Datasheet
369Kb / 7P
Multi-Output Clock Synthesizer
PCS1P2859A PULSECORE-PCS1P2859A_08 Datasheet
348Kb / 7P
Multi-Output Clock Synthesizer
PCS1P2860A PULSECORE-PCS1P2860A Datasheet
368Kb / 7P
Multi-Output Clock Synthesizer
logo
ON Semiconductor
PCS1P2860A ONSEMI-PCS1P2860A Datasheet
149Kb / 6P
Multi-Output Clock Synthesizer
JANUARY 2010 ??Rev. 1
logo
Exar Corporation
XR81101 EXAR-XR81101 Datasheet
208Kb / 8P
Universal Clock - High Frequency LVCMOS Clock Synthesizer
XR81102 EXAR-XR81102 Datasheet
176Kb / 8P
Universal Clock - High Frequency LVPECL Clock Synthesizer
XR81111 EXAR-XR81111 Datasheet
232Kb / 12P
Universal Clock - High Frequency LVPECL Clock Synthesizer
logo
Microsemi Corporation
ZL30250 MICROSEMI-ZL30250 Datasheet
272Kb / 4P
3-Input, 3-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
August 2014
logo
Renesas Technology Corp
843251I-14 RENESAS-843251I-14 Datasheet
432Kb / 17P
FemtoClockTM Crystal-to-3.3V, 2.5V LVPECL Clock Synthesizer
10/23/15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com