Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF16-30-01-14 Datasheet (PDF) - ABB

AF16-30-01-14 Datasheet PDF - ABB
Part # AF16-30-01-14
Download  AF16-30-01-14 Download
File Size   57.2 Kbytes
Page   3 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description AF16-30-01-14 250-500V50/60HZ-DC Contactor

AF16-30-01-14 Datasheet (PDF)

Go To PDF Page Download Datasheet
AF16-30-01-14 Datasheet PDF - ABB

Part # AF16-30-01-14
Download  AF16-30-01-14 Click to download

File Size   57.2 Kbytes
Page   3 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description AF16-30-01-14 250-500V50/60HZ-DC Contactor

AF16-30-01-14 Datasheet (HTML) - ABB


AF16-30-01-14 Product details

Extended Product Type:
Product ID:
EAN:
Catalog Description:
Long Description:
General Information
AF16-30-01-14
1SBL177001R1401
3471523110748
AF16-30-01-14 250-500V50/60HZ-DC Contactor
AF16 contactors are used for controlling power circuits up to 690 V AC and 220 V DC. They
are mainly used for controlling 3-phase motors, non-inductive or slightly inductive loads.
AF... contactors include an electronic coil interface accepting a wide control voltage Uc min.
... Uc max. Only four coils cover control voltages between 24...500 V 50/60 Hz or 20...500 V
DC. AF contactors can manage large control voltage variations. One coil can be used for
different control voltages used worldwide without any coil change. AF contactors have built-in
surge protection and do not require additional surge suppressors. The AF... series 1-stack
3-pole contactors are of the block type design. - Main poles and auxiliary contact blocks: 3
main poles, 1 built-in auxiliary contact, front and side-mounted add-on auxiliary contact
blocks (mechanically-linked auxiliary contacts compliant with Annex L of IEC 60947-5-1.
N.C. mirror contacts compliant with Annex F of IEC 60947-4-1) - Control circuit: AC or DC
operated - Accessories: a wide range of accessories is available.




Similar Part No. - AF16-30-01-14

ManufacturerPart #DatasheetDescription
logo
ABB
AF16-30-01-11 ABB-AF16-30-01-11 Datasheet
57Kb / 3P
AF16-30-01-11 24-60V50/60HZ 20-60VDC Contactor
AF16-30-01-13 ABB-AF16-30-01-13 Datasheet
57Kb / 3P
AF16-30-01-13 100-250V50/60HZ-DC Contactor
More results


Similar Description - AF16-30-01-14

ManufacturerPart #DatasheetDescription
logo
Zhejiang DongYa Electro...
BZJ-50D DONGYA-BZJ-50D Datasheet
175Kb / 1P
DC Contactor
ZLJM-100A DONGYA-ZLJM-100A Datasheet
179Kb / 1P
DC Contactor
ZLJM-300D DONGYA-ZLJM-300D Datasheet
241Kb / 1P
DC Contactor
ZLJM-800D DONGYA-ZLJM-800D Datasheet
238Kb / 1P
DC Contactor
logo
ABB
AF65-30-11-14 ABB-AF65-30-11-14 Datasheet
101Kb / 4P
AF65-30-11-14 250-500V50/60HZ-DC Contactor
2022
AF09-30-10-13 ABB-AF09-30-10-13 Datasheet
84Kb / 3P
AF09-30-10-13 100-250V50/60HZ-DC Contactor
12/22/14 3:30 PM
AF96-30-00-13 ABB-AF96-30-00-13 Datasheet
131Kb / 6P
100-250V50/60HZ-DC Contactor
NFZ40E-23 ABB-NFZ40E-23 Datasheet
129Kb / 5P
NFZ40E-23 100-250V50/60HZ-DC Contactor Relay
A9-30-10 ABB-A9-30-10 Datasheet
100Kb / 5P
A9-30-10 24V 50Hz / 24V 60Hz Contactor
logo
Leach International Cor...
WC-X0X LEACH-WC-X0X Datasheet
806Kb / 7P
CONTACTOR, CENTER-OFF 250 AMP
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com