Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW4820 Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJW4820 Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJW4820
Download  NJW4820 Download
File Size   265.27 Kbytes
Page   9 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Single Low Side Switch

NJW4820 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJW4820 Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJW4820
Download  NJW4820 Click to download

File Size   265.27 Kbytes
Page   9 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Single Low Side Switch

NJW4820 Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJW4820 Product details

FEATURES
Drain-Source Voltage 43V
Drain Current 0.5A
Corresponding with Logic Voltage Operation: 3V/5V
Low On-Resistance 0.27Ω typ. (VIN=5V)
0.30Ω typ. (VIN=3.3V)
Low Consumption Current 80μA typ. (VIN=5V)
65μA typ. (VIN=3.3V)
Active Clamp Circuit
Over Current Protection (Self recovery type current limiting function)
Thermal Shutdown
Package Outline SOT23-5




Similar Part No. - NJW4820

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4820 NJRC-NJW4820 Datasheet
131Kb / 1P
35V / 500mA Low Side Switch
NJW4820F NJRC-NJW4820F Datasheet
131Kb / 1P
35V / 500mA Low Side Switch
NJW4820 NJRC-NJW4820_14 Datasheet
268Kb / 9P
Single Low Side Switch
More results


Similar Description - NJW4820

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS1041PBF IRF-IPS1041PBF Datasheet
565Kb / 14P
SINGLE/DUAL CHANNEL INTELLIGENT POWER LOW SIDE SWITCH
IPS1051LPBF IRF-IPS1051LPBF Datasheet
448Kb / 12P
SINGLE/DUAL CHANNEL INTELLIGENT POWER LOW SIDE SWITCH
IPS1041LRPBF IRF-IPS1041LRPBF Datasheet
627Kb / 15P
SINGLE/DUAL CHANNEL INTELLIGENT POWER LOW SIDE SWITCH
logo
Freescale Semiconductor...
33981 FREESCALE-33981_09 Datasheet
4Mb / 37P
Single High Side Switch
MC33981 FREESCALE-MC33981_10 Datasheet
3Mb / 40P
Single High Side Switch
logo
International Rectifier
AUIPS1042G IRF-AUIPS1042G Datasheet
893Kb / 18P
SINGLE/DUAL CHANNEL INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1051L IRF-AUIPS1051L Datasheet
460Kb / 16P
SINGLE/DUAL CHANNEL INTELLIGENT POWER LOW SIDE SWITCH
logo
STMicroelectronics
IPS160H STMICROELECTRONICS-IPS160H Datasheet
766Kb / 26P
Single high-side switch
04-Nov-2015
logo
New Japan Radio
NJW4820 NJRC-NJW4820_14 Datasheet
268Kb / 9P
Single Low Side Switch
NJW4830 NJRC-NJW4830 Datasheet
323Kb / 11P
Single High Side Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com