Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMAG5253 Datasheet (PDF) - Texas Instruments

TMAG5253 Datasheet PDF - Texas Instruments
Part # TMAG5253
Download  TMAG5253 Download
File Size   1985.3 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMAG5253 Low-Power Linear Hall Effect Sensor With EN Pin in Ultra-Small Package

TMAG5253 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMAG5253 Datasheet PDF - Texas Instruments

Part # TMAG5253
Download  TMAG5253 Click to download

File Size   1985.3 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMAG5253 Low-Power Linear Hall Effect Sensor With EN Pin in Ultra-Small Package

TMAG5253 Datasheet (HTML) - Texas Instruments


TMAG5253 Product details

1 Features
• Industry-leading low power:
– Supply voltage, VCC: 1.65V – 3.6V
– Shutdown current: < 20nA (1.8V at 25°C)
– Active current: 2mA (1.8V at 25°C)
– Average current: <10μA at 100Hz duty cycling
• Dedicated enable pin
• Fast power-on time
– Bipolar: < 25μs (typ)
– Unipolar : < 60μs (typ)
• Ratiometric analog output proportional to VCC
• High impedance output during shutdown mode
• Low-noise output with ±1mA drive
• Two sensitivity polarity options
– TMAG5253Bx: Bipolar device option
– TMAG5253Ux: Unipolar device option
• Bipolar Magnetic sensitivity range options:
– BA1: ±20mT Range
– BA2: ±40mT Range
– BA3: ±80mT Range
– BA4: ±160mT Range
• Unipolar Magnetic sensitivity range options:
– UA2: 39mT Range
– UA5: 52mT Range
• Sensitivity compensation to support temperature drift of Neodymium magnet
• Ultra-small X2SON 4-pin package: 1.54mm2
• Wide operating temperature range: –40°C to 125°C




Similar Part No. - TMAG5253

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMAG5253 TI-TMAG5253 Datasheet
2Mb / 38P
TMAG5253 Low-Power Linear Hall Effect Sensor With EN Pin in Ultra-Small Package
MAY 2023
TMAG5253 TI1-TMAG5253 Datasheet
1Mb / 36P
TMAG5253 Low-Power Linear Hall Effect Sensor With EN Pin in Ultra-Small Package
REVISED SEPTEMBER 2023
TMAG5253 TI1-TMAG5253 Datasheet
1Mb / 36P
TMAG5253 Low-Power Linear Hall Effect Sensor With EN Pin in Ultra-Small Package
REVISED NOVEMBER 2023
TMAG5253 TI2-TMAG5253 Datasheet
1Mb / 40P
TMAG5253 Low-Power Linear Hall Effect Sensor With EN Pin in Ultra-Small Package
REVISED FEBRUARY 2026
TMAG5253BA1 TI-TMAG5253BA1 Datasheet
2Mb / 38P
TMAG5253 Low-Power Linear Hall Effect Sensor With EN Pin in Ultra-Small Package
MAY 2023
More results


Similar Description - TMAG5253

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90242 ETC2-MLX90242_04 Datasheet
156Kb / 7P
Linear Hall Effect Sensor
logo
SEC Electronics Inc.
SS3503 SECELECTRONICS-SS3503 Datasheet
104Kb / 5P
Linear Hall Effect Sensor
logo
Diodes Incorporated
AH8500 DIODES-AH8500 Datasheet
856Kb / 19P
LOW POWER/MICROPOWER LINEAR HALL EFFECT SENSOR
Rev 1
logo
SEC Electronics Inc.
SS4833 SECELECTRONICS-SS4833 Datasheet
226Kb / 4P
Linear Hall Effect Sensor
logo
Micronas
HAL1821UA-A MICRONAS-HAL1821UA-A Datasheet
263Kb / 14P
Linear Hall-Effect Sensor Family in SOT89B Package
HAL1821_1312 MICRONAS-HAL1821_1312 Datasheet
358Kb / 18P
Linear Hall-Effect Sensor Family in TO92UA Package
HAL1860 MICRONAS-HAL1860 Datasheet
354Kb / 30P
Programmable Linear Hall-Effect Sensor in TO92 Package
logo
Texas Instruments
TMAG5253 TI-TMAG5253 Datasheet
2Mb / 38P
TMAG5253 Low-Power Linear Hall Effect Sensor With EN Pin in Ultra-Small Package
MAY 2023
TMAG5253 TI1-TMAG5253_V01 Datasheet
1Mb / 36P
TMAG5253 Low-Power Linear Hall Effect Sensor With EN Pin in Ultra-Small Package
REVISED SEPTEMBER 2023
TMAG5253 TI1-TMAG5253_V02 Datasheet
1Mb / 36P
TMAG5253 Low-Power Linear Hall Effect Sensor With EN Pin in Ultra-Small Package
REVISED NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com