Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73601DBVR1G4 Datasheet (PDF) - Texas Instruments

TPS73601DBVR1G4 Datasheet PDF - Texas Instruments
Part # TPS73601DBVR1G4
Download  TPS73601DBVR1G4 Download
File Size   2623.96 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS736 Capacitor-Free, NMOS, 400mA, Low-Dropout Regulator With Reverse Current Protection

TPS73601DBVR1G4 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS73601DBVR1G4 Datasheet PDF - Texas Instruments

Part # TPS73601DBVR1G4
Download  TPS73601DBVR1G4 Click to download

File Size   2623.96 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS736 Capacitor-Free, NMOS, 400mA, Low-Dropout Regulator With Reverse Current Protection

TPS73601DBVR1G4 Datasheet (HTML) - Texas Instruments


TPS73601DBVR1G4 Product details

1 Features
• Stable with no output capacitor or any value or type of capacitor
• Input voltage range of 1.7V to 5.5V
• Ultra-low dropout voltage: 75mV typ
• Excellent load transient response—with or without optional output capacitor
• NMOS topology delivers low reverse leakage current
• Low noise: 30μVRMS typ (10Hz to 100kHz)
• 0.5% initial accuracy
• 1% overall accuracy over line, load, and temperature
• Less than 1μA max IQ in shutdown mode
• Thermal shutdown and specified min/max current limit protection
• Available in multiple output voltage versions:
– Fixed outputs of 1.20V to 5.0V
– Adjustable output from 1.20V to 5.5V
– Custom outputs available




Similar Part No. - TPS73601DBVR1G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73601DBVR1G4 TI2-TPS73601DBVR1G4 Datasheet
2Mb / 48P
TPS736 Capacitor-Free, NMOS, 400mA, Low-Dropout Regulator With Reverse Current Protection
REVISED MAY 2025
TPS73601DBVR1G4.A TI2-TPS73601DBVR1G4.A Datasheet
2Mb / 48P
TPS736 Capacitor-Free, NMOS, 400mA, Low-Dropout Regulator With Reverse Current Protection
REVISED MAY 2025
More results


Similar Description - TPS73601DBVR1G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73601 TI-TPS73601 Datasheet
652Kb / 27P
Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73201 TI-TPS73201 Datasheet
427Kb / 18P
Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX Datasheet
678Kb / 23P
Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_07 Datasheet
722Kb / 23P
Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_08 Datasheet
908Kb / 26P
Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX_0850 TI-TPS736XX_0850 Datasheet
948Kb / 26P
Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73601-Q1 TI1-TPS73601-Q1 Datasheet
576Kb / 22P
Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73218-Q1 TI1-TPS73218-Q1 Datasheet
955Kb / 21P
Cap-Free, NMOS, 250mA Low-Dropout Regulator with Reverse Current Protection
TPS73625QDBVRQ1 TI-TPS73625QDBVRQ1 Datasheet
1Mb / 32P
Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com