Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G240B-Q1 Datasheet (PDF) - Texas Instruments

SN74LVC1G240B-Q1 Datasheet PDF - Texas Instruments
Part # SN74LVC1G240B-Q1
Download  SN74LVC1G240B-Q1 Download
File Size   775.75 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G240B-Q1 Automotive Single Inverter With 3-State Output

SN74LVC1G240B-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1G240B-Q1 Datasheet PDF - Texas Instruments

Part # SN74LVC1G240B-Q1
Download  SN74LVC1G240B-Q1 Click to download

File Size   775.75 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G240B-Q1 Automotive Single Inverter With 3-State Output

SN74LVC1G240B-Q1 Datasheet (HTML) - Texas Instruments


SN74LVC1G240B-Q1 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Device temperature grade 1: -40°C to +125°C
• Operating range from 1.1V to 5.5V
• 5.5V tolerant input pins
• Supports standard pinouts
• Latch-up performance exceeds 100mA per JESD 78




Similar Part No. - SN74LVC1G240B-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G240B-Q1 TI2-SN74LVC1G240B-Q1 Datasheet
1Mb / 26P
SN74LVC1G240B-Q1 Automotive Single Inverter With 3-State Output
MARCH 2026
SN74LVC1G240B-Q1 TI2-SN74LVC1G240B-Q1_V01 Datasheet
1Mb / 26P
SN74LVC1G240B-Q1 Automotive Single Inverter With 3-State Output
MARCH 2026
More results


Similar Description - SN74LVC1G240B-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G240 TI1-SN74AUP1G240_17 Datasheet
1Mb / 44P
Low-Power Single Inverter With 3-State Output
SN74AUP1G240 TI1-SN74AUP1G240_18 Datasheet
1Mb / 42P
Low-Power Single Inverter With 3-State Output
SN74LV1T126-Q1 TI-SN74LV1T126-Q1 Datasheet
1Mb / 23P
SN74LV1T126-Q1 Automotive Single Buffer Gate With 3-State Output and Integrated Translation
MAY 2023
SN74AHC1G125-Q1 TI1-SN74AHC1G125-Q1 Datasheet
1Mb / 22P
SN74AHC1G125-Q1 Automotive Single Bus Buffer Gate With 3-State Output
JULY 2023
SN74AHC1G126-Q1 TI-SN74AHC1G126-Q1 Datasheet
969Kb / 21P
SN74AHC1G126-Q1 Automotive Single Bus Buffer Gate With 3-State Output
AUGUST 2023
SN74AHC1G125-Q1 TI-SN74AHC1G125-Q1_V01 Datasheet
1Mb / 25P
SN74AHC1G125-Q1 Automotive Single Bus Buffer Gate With 3-State Output
REVISED OCTOBER 2023
SN74AHC1G126-Q1 TI-SN74AHC1G126-Q1_V01 Datasheet
1Mb / 25P
SN74AHC1G126-Q1 Automotive Single Bus Buffer Gate With 3-State Output
REVISED OCTOBER 2023
SN74AHCT1G126-Q1 TI-SN74AHCT1G126-Q1_V01 Datasheet
1Mb / 23P
SN74AHCT1G126-Q1 Automotive Single Bus Buffer Gate with 3-State Output
REVISED OCTOBER 2023
SN74AHCT1G125-Q1 TI1-SN74AHCT1G125-Q1_V01 Datasheet
888Kb / 17P
SN74AHCT1G125-Q1 Automotive Single Bus Buffer Gate with 3-State Output
REVISED OCTOBER 2023
SN74AHCT1G125-Q1 TI1-SN74AHCT1G125-Q1_V02 Datasheet
888Kb / 17P
SN74AHCT1G125-Q1 Automotive Single Bus Buffer Gate with 3-State Output
REVISED OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com