Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM317M Datasheet (PDF) - Texas Instruments

LM317M Datasheet PDF - Texas Instruments
Part # LM317M
Download  LM317M Download
File Size   1329.57 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM317M, LM317MQ Adjustable Floating Regulators

LM317M Datasheet (PDF)

Go To PDF Page Download Datasheet
LM317M Datasheet PDF - Texas Instruments

Part # LM317M
Download  LM317M Click to download

File Size   1329.57 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM317M, LM317MQ Adjustable Floating Regulators

LM317M Datasheet (HTML) - Texas Instruments


LM317M Product details

1 Features
• LM317MQ (new chip) AEC-Q100 qualified for automotive applications
– Temperature grade 2: –40°C ≤ TA ≤ 105°C
• Adjustable output voltage range (VOUT): 1.25V to 37V
• Output current (IOUT): Up to 500mA
• Built-in, short-circuit current limiting and thermal protection
• Stable without any output capacitor
• Operating junction temperature: –40°C to +125°C
• Packages:
– 4-pin, 6.5mm × 7mm SOT-223 (RθJA[new chip] : 77.7°C/W)
– 3-pin, 6.6mm × 10.11mm TO-252 (RθJA[new chip] : 31.7°C/W)




Similar Part No. - LM317M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317M ONSEMI-LM317M Datasheet
232Kb / 16P
Three-Terminal Adjustable Output Positive Voltage Regulator
August, 2004 ??Rev. 12
logo
STMicroelectronics
LM317M STMICROELECTRONICS-LM317M Datasheet
115Kb / 11P
MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
Sep-1997
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
3-TERMINAL ADJUSTABLE REGULATOR
logo
Fairchild Semiconductor
LM317M FAIRCHILD-LM317M Datasheet
224Kb / 8P
3-Terminal 0.5A Positive Adjustable Regulator
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
3-TERMINAL ADJUSTABLE REGULATOR
More results


Similar Description - LM317M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL430 TI-TL430 Datasheet
102Kb / 6P
ADJUSTABLE SHUNT REGULATORS
TL430 TI-TL430_06 Datasheet
146Kb / 9P
ADJUSTABLE SHUNT REGULATORS
logo
Gamma Microelectronics ...
GM431A GAMMA-GM431A Datasheet
2Mb / 1P
Adjustable Shunt Regulators
logo
Micro Commercial Compon...
LM317DT MCC-LM317DT Datasheet
202Kb / 2P
Adjustable Voltage Regulators
LM317MDT MCC-LM317MDT Datasheet
441Kb / 3P
Adjustable Voltage Regulators
logo
Texas Instruments
LM317M TI-LM317M_15 Datasheet
894Kb / 22P
LM317M 3-Terminal Adjustable Regulator
TL430 TI-TL430_15 Datasheet
143Kb / 9P
ADJUSTABLE SHUNT REGULATORS
logo
Micro Commercial Compon...
LM317DT MCC-LM317DT_13 Datasheet
216Kb / 2P
Adjustable Voltage Regulators
LM317MDT MCC-LM317MDT_13 Datasheet
456Kb / 3P
Adjustable Voltage Regulators
LM317T MCC-LM317T_18 Datasheet
234Kb / 2P
Adjustable Voltage Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com