Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMC047 Datasheet (PDF) - Infinite Electronics International, Inc.

SMC047 Datasheet PDF - Infinite Electronics International, Inc.
Part # SMC047
Download  SMC047 Download
File Size   525.1 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Male (Plug) Connector For .047 SR Cable, Solder

SMC047 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMC047 Datasheet PDF - Infinite Electronics International, Inc.

Part # SMC047
Download  SMC047 Click to download

File Size   525.1 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Male (Plug) Connector For .047 SR Cable, Solder

SMC047 Datasheet (HTML) - Infinite Electronics International, Inc.


SMC047 Product details

Features
• Operating Frequency
• of 18 GHz Max.
• Gold Plated Brass Contact
• Contact plating according
• to MIL-G-45204
• Applications:
• General Purpose Test
• Custom Cable Assemblies




Similar Part No. - SMC047

ManufacturerPart #DatasheetDescription
logo
Eldeco Srl
SMC04-5-L ELDECO-SMC04-5-L Datasheet
284Kb / 1P
Standard : UL - IEC 300V - 320V 15A - 17.5A
SMC04-5-R ELDECO-SMC04-5-R Datasheet
282Kb / 1P
Standard : UL - IEC 300V - 320V 15A - 17.5A
logo
Numonyx B.V
SMC04GBF NUMONYX-SMC04GBF Datasheet
1Mb / 91P
32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
logo
STMicroelectronics
SMC04GBFY6 STMICROELECTRONICS-SMC04GBFY6 Datasheet
833Kb / 91P
32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
27-Oct-2006
logo
Numonyx B.V
SMC04GBFY6 NUMONYX-SMC04GBFY6 Datasheet
1Mb / 91P
32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
More results


Similar Description - SMC047

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0732513100 MOLEX11-0732513100 Datasheet
30Kb / 1P
50 Ohms, SMA Plug, SR-047 Cable
0732513100 MOLEX-0732513100_V01 Datasheet
32Kb / 1P
50 Ohms, SMA Plug, SR-047 Cable
logo
Amphenol Corporation
SF2912-60955 AMPHENOL-SF2912-60955 Datasheet
90Kb / 1P
SMA R/A PLUG FOR 횠.047 CABLE
7029-2555-2557 AMPHENOL-7029-2555-2557 Datasheet
75Kb / 1P
SMA MALE TO SMA MALE FOR .047 CABLE ASSEMBLY
logo
Amphenol SV Microwave
7029-3820 SVMICROWAVE-7029-3820 Datasheet
87Kb / 1P
SMA MALE TO SMA MALE 3" CABLE ASSEMBLY FOR .047 SUPERFLEX CABLE
07/20/22
2911-61016 SVMICROWAVE-2911-61016 Datasheet
89Kb / 1P
SMA EF MALE FOR Ø.047 CABLE
03/22
7029-3773 SVMICROWAVE-7029-3773 Datasheet
80Kb / 1P
SMA MALE TO SMA MALE Ø.047 CABLE ASSEMBLY
REV.02 04/22
2911-40023 SVMICROWAVE-2911-40023 Datasheet
260Kb / 1P
SMA PLUG (NON-MAGNETIC) FOR .047 FLEX CABLE
REV.01 10/19
SF2912-60955 SVMICROWAVE-SF2912-60955 Datasheet
88Kb / 1P
SMA R/A PLUG FOR Ø.047 CABLE
REV.A 05/15
logo
Times Microwave Systems...
3190-6878 TIMES-3190-6878 Datasheet
280Kb / 1P
SMA Male (Plug) Straight Non-Solder Pin Stainless Steel Connector for PT-047 Cable
Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com