Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP600K Datasheet (PDF) - Nisshinbo Micro Devices Inc.

RP600K Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # RP600K
Download  RP600K Download
File Size   1164.87 Kbytes
Page   57 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Step-Up DC_DC Converter with voltage regulator and detector

RP600K Datasheet (PDF)

Go To PDF Page Download Datasheet
RP600K Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # RP600K
Download  RP600K Click to download

File Size   1164.87 Kbytes
Page   57 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Step-Up DC_DC Converter with voltage regulator and detector

RP600K Datasheet (HTML) - Nisshinbo Micro Devices Inc.


RP600K Product details

FEATURES
Step-up DC/DC converter part
● Input Voltage Range ···································· 0.8V~5.5V
● High Efficiency ··········································· 87% (100mA/3.3V, VIN=1.5V, 25°C)
● Output current ············································ 500mA/4.2V(VIN=2.5V)
● Internal Switch ··········································· NMOS=0.16Ω, (if VOUT1=3.3V)
● Output Voltage Tolerance ···························· 2.0%
● Frequency ················································· Typ. 1.2MHz
● Output Voltage Range ································· Fixed: Standard voltage in the range from 2.3V to 5.5V
Adjustable: 2.3V~5.5V (Recommendation range of output
voltage)
● Lx peak current control function ··················· Typ. 1.4A
LDO regulator part
*Input Voltage Range (Applied to B version only) ········ from 2.0V to 5.5V
● Output Voltage Range ····································· Fixed: Standard voltage in the range from 1.5V to 5.0V
● Output Voltage Tolerance ································· 1.0%
● Turn-on Speed ··············································· Typ. 100s
● Maximum Output Current ································· Min. 500mA guaranteed (A/D version)
······································································· Min. 300mA guaranteed (B version)
······································································ Min. 150mA guaranteed (C version)
Voltage Detector Part
● Detector Threshold Range ································ Fixed: Standard voltage in the range from 1.0V to 4.5V
● Released Output Delay Time ····························· Typ. 10ms (A/B/D version)
······································································· Typ. 0ms (C version)
● Detector Threshold Hysteresis ························ Typ. 5% of the detector threshold voltage (A/B/D version)
Selectable in the range from 30% to 80% of the detector
threshold voltage (C version)
Others
● Small Package ··············································· DFN(PL)2527-10
● Thermal shutdown temperature threshold ············ Tj=125°C (A/B/D version only)
● External components ······································· CIN=10μF,COUT1=10μFx2, L=3.3μH(If the output of the
DC/DC is 3.6V or more, 4.7uH is our recommendation value.)
······································································· COUT2=2.2F(B/C version LDO)
······································································· COUT2=10uF(A/D version LDO)




Similar Part No. - RP600K

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
RP600 DEC-RP600 Datasheet
422Kb / 2P
6 AMP FAST RECOVERY SILICON DIODES
More results


Similar Description - RP600K

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65015 TOKO-TK65015 Datasheet
116Kb / 8P
STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65025 TOKO-TK65025 Datasheet
106Kb / 12P
STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK652XX TOKO-TK652XX Datasheet
141Kb / 20P
STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
logo
RICOH electronics devic...
RS5RJ RICOH-RS5RJ Datasheet
214Kb / 30P
VFM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR
RS5RM RICOH-RS5RM Datasheet
213Kb / 30P
PWM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR?
logo
Holtek Semiconductor In...
HT7627 HOLTEK-HT7627 Datasheet
77Kb / 6P
PFM Step-up DC/DC Converter & Voltage Detector
January 18, 2002
logo
Micon Design Technology...
MDT763022 MDTIC-MDT763022 Datasheet
40Kb / 4P
Step-up DC/DC Converter with Voltage Detector
MDT763320 MDTIC-MDT763320 Datasheet
149Kb / 5P
Step-up DC/DC Converter with Voltage Detector
MDT763020 MDTIC-MDT763020 Datasheet
127Kb / 5P
Step-up DC/DC Converter with Voltage Detector
MDT762720 MDTIC-MDT762720 Datasheet
128Kb / 5P
Step-up DC/DC Converter with Voltage Detector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com