Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RBA80N04DANS-4UB03 Datasheet (PDF) - Renesas Technology Corp

RBA80N04DANS-4UB03 Datasheet PDF - Renesas Technology Corp
Part # RBA80N04DANS-4UB03
Download  RBA80N04DANS-4UB03 Download
File Size   350.91 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-Channel Power MOSFET 40V - 80A - 3.0mΩ

RBA80N04DANS-4UB03 Datasheet (PDF)

Go To PDF Page Download Datasheet
RBA80N04DANS-4UB03 Datasheet PDF - Renesas Technology Corp

Part # RBA80N04DANS-4UB03
Download  RBA80N04DANS-4UB03 Click to download

File Size   350.91 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-Channel Power MOSFET 40V - 80A - 3.0mΩ

RBA80N04DANS-4UB03 Datasheet (HTML) - Renesas Technology Corp


RBA80N04DANS-4UB03 Product details

• Standard-level gate drive voltage: VGS(th) = 2.0~4.0V
• Super low on-state resistance: RDS(on) = 3.0m Max.
• Low input capacitance
• Low thermal resistance
• 100% Avalanche tested
• AEC-Q101 qualified
• Production Part Approval Process (PPAP) capable
• Pb-free lead plating: RoHS compliant
• MSL1 classified according to IPC/JEDEC J-STD-020




Similar Part No. - RBA80N04DANS-4UB03

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RBA80N04DANS-4UB03 RENESAS-RBA80N04DANS-4UB03 Datasheet
449Kb / 9P
40V - 80A - 3.0mΩ
Jun.27.2025
More results


Similar Description - RBA80N04DANS-4UB03

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP8441 FAIRCHILD-FDP8441 Datasheet
322Kb / 7P
N-Channel PowerTrench MOSFET (40V, 80A, 2.7mohm)
FDP8442 FAIRCHILD-FDP8442 Datasheet
294Kb / 7P
N-Channel PowerTrench짰 MOSFET 40V, 80A, 3.1m廓
FDB8441 FAIRCHILD-FDB8441_10 Datasheet
462Kb / 7P
N-Channel PowerTrench짰 MOSFET 40V, 80A, 2.5m廓
FDB8442 FAIRCHILD-FDB8442_10 Datasheet
457Kb / 7P
N-Channel PowerTrench짰 MOSFET 40V, 80A, 2.9m廓
FDB8443 FAIRCHILD-FDB8443_11 Datasheet
621Kb / 7P
N-Channel PowerTrench짰 MOSFET 40V, 80A, 3.0m廓
FDI8441 FAIRCHILD-FDI8441_10 Datasheet
488Kb / 7P
N-Channel PowerTrench짰 MOSFET 40V, 80A, 2.7m廓
FDP8442 FAIRCHILD-FDP8442_10 Datasheet
406Kb / 7P
N-Channel PowerTrench짰 MOSFET 40V, 80A, 3.1m廓
logo
ON Semiconductor
FDB8443-F085 ONSEMI-FDB8443-F085 Datasheet
549Kb / 8P
N-Channel PowerTrench짰 MOSFET 40V, 80A, 3.0m廓
September-2017, Rev. 3
FDP8442-F085 ONSEMI-FDP8442-F085 Datasheet
513Kb / 8P
N-Channel PowerTrench® MOSFET 40V, 80A, 3.1mΩ
September-2017, Rev. 2
FDP8443-F085 ONSEMI-FDP8443-F085 Datasheet
555Kb / 8P
N-Channel PowerTrench® MOSFET 40V, 80A, 3.5mΩ
September-2017, Rev. 1
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com