Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIS100SA5V Datasheet (PDF) - Silicon Supplies

SIS100SA5V Datasheet PDF - Silicon Supplies
Part # SIS100SA5V_V01
Download  SIS100SA5V Download
File Size   958.75 Kbytes
Page   3 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description 100V 0.5A Schottky Diode

SIS100SA5V Datasheet (PDF)

Go To PDF Page Download Datasheet
SIS100SA5V Datasheet PDF - Silicon Supplies

Part # SIS100SA5V_V01
Download  SIS100SA5V Click to download

File Size   958.75 Kbytes
Page   3 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description 100V 0.5A Schottky Diode

SIS100SA5V Datasheet (HTML) - Silicon Supplies


SIS100SA5V Product details

Features
 Low forward voltage
 Low leakage current
 100V breakdown voltage
 0.5A forward current specified, high surge current
 Guard-ring for over-voltage protection




Similar Part No. - SIS100SA5V_V01

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
SIS100SA5V SS-SIS100SA5V Datasheet
303Kb / 3P
100V 0.5A Schottky Diode
Rev 1.0 17/11/21
More results


Similar Description - SIS100SA5V_V01

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB0503SH SANYO-SB0503SH Datasheet
32Kb / 3P
Schottky Barrier Diode 30V, 0.5A Rectifier
SS0503SH SANYO-SS0503SH Datasheet
33Kb / 3P
Schottky Barrier Diode 30V, 0.5A Rectifier
SS05015SH SANYO-SS05015SH Datasheet
31Kb / 3P
Schottky Barrier Diode 15V, 0.5A Rectifier
logo
Cystech Electonics Corp...
CSOD0540SH CYSTEKEC-CSOD0540SH Datasheet
218Kb / 5P
0.5A surface mount Schottky diode
RB0540C2 CYSTEKEC-RB0540C2 Datasheet
366Kb / 6P
0.5A surface mount Schottky diode
RB0540N3 CYSTEKEC-RB0540N3 Datasheet
246Kb / 6P
0.5A surface mount Schottky diode
RB0540S2 CYSTEKEC-RB0540S2 Datasheet
234Kb / 6P
0.5A surface mount Schottky diode
logo
Will Semiconductor Ltd.
WSB5539N WILLSEMI-WSB5539N Datasheet
1Mb / 4P
0.5A, Schottky Barrier Diode
logo
Silicon Supplies
SIS100SA5V SS-SIS100SA5V Datasheet
303Kb / 3P
100V 0.5A Schottky Diode
Rev 1.0 17/11/21
logo
AiT Semiconductor Inc.
BAT46W AITSEMI-BAT46W Datasheet
528Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 100V FORWARD CURRENT 0.5A
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com