Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LN2406_E Datasheet (PDF) - Shanghai Natlinear Electronics Co., Ltd.

LN2406_E Datasheet PDF - Shanghai Natlinear Electronics Co., Ltd.
Part # LN2406_E
Download  LN2406_E Download
File Size   456.83 Kbytes
Page   6 Pages
Manufacturer  NATLINEAR [Shanghai Natlinear Electronics Co., Ltd.]
Direct Link  http://www.natlinear.com/en/index/index
Logo NATLINEAR - Shanghai Natlinear Electronics Co., Ltd.
Description PWM/PFM Automatic Switching Controlled Synchronous DC-DC Converters

LN2406_E Datasheet (PDF)

Go To PDF Page Download Datasheet
LN2406_E Datasheet PDF - Shanghai Natlinear Electronics Co., Ltd.

Part # LN2406_E
Download  LN2406_E Click to download

File Size   456.83 Kbytes
Page   6 Pages
Manufacturer  NATLINEAR [Shanghai Natlinear Electronics Co., Ltd.]
Direct Link  http://www.natlinear.com/en/index/index
Logo NATLINEAR - Shanghai Natlinear Electronics Co., Ltd.
Description PWM/PFM Automatic Switching Controlled Synchronous DC-DC Converters

LN2406_E Datasheet (HTML) - Shanghai Natlinear Electronics Co., Ltd.


LN2406_E Product details

■ Features
 High Efficiency: 92%
 Input Voltage Range: 2.0 ~ 6.0V
 Output Current: 800mA
 Shutdown Current: <1uA
 Oscillation Frequency: 1.4MHz
■ General Description
LN2406 series is a group of high efficiency
synchronous-rectification type buck regulator using a
constant frequency, current mode architecture. The device
is available in an adjustable version and fixed output
voltages of 1.8V and 3.3V. Automatic PWM/PFM mode
operation increases efficiency and decreases output
voltage ripple at light loads, further extending battery life.
Switching frequency is internally set at 1.4MHz, allowing
the use of small surface mount inductors and capacitors.
100% duty cycle provides low dropout operation.
■ Applications
 Cellular and Smart Phones
 PDAs
 MP3/MP4 Player
 Digital Still and Video Cameras
 Microprocessors and DSP Core Supplies
 Portable Instruments




Similar Part No. - LN2406_E

ManufacturerPart #DatasheetDescription
logo
Shanghai Natlinear Elec...
LN2401_E NATLINEAR-LN2401_E Datasheet
1Mb / 7P
PWM/PFM Automatic Controlled DC-DC Converters—Backlight Driver
Sep. 9, 2011
LN2402_E NATLINEAR-LN2402_E Datasheet
669Kb / 7P
PWM/PFM Automatic Switching Controlled Synchronous DC-DC Converters
Mar. 11, 2014
LN2407_E NATLINEAR-LN2407_E Datasheet
463Kb / 6P
PWM/PFM Automatic Switching Controlled Synchronous DC-DC Converters
May. 5, 2011
logo
Panasonic Semiconductor
LN240RPX PANASONIC-LN240RPX Datasheet
30Kb / 1P
4.4 mm Series
More results


Similar Description - LN2406_E

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9106 TOREX-XC9106 Datasheet
109Kb / 8P
PWM Control, PWM/PFM Switching Control, Step-up DC/DC Converters
XC910607 TOREX-XC910607 Datasheet
81Kb / 7P
PWM Control, PWM/PFM Switching Control, Step-up DC/DC Converters
0314_XC6385 TOREX-0314_XC6385 Datasheet
179Kb / 7P
PFM CONTROLLED STEP UP DC/DC CONVERTERS
XC6382 TOREX-XC6382 Datasheet
280Kb / 17P
PFM CONTROLLED STEP UP DC/DC CONVERTERS
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
logo
Unisonic Technologies
UC3383 UTC-UC3383_15 Datasheet
346Kb / 14P
PFM CONTROLLED, STEP-UP DC/DC CONVERTERS
logo
Analog Devices
UG-179 AD-UG-179 Datasheet
429Kb / 12P
Automatic PFM/PWM mode switching
Rev. 0
logo
Unisonic Technologies
UC3383 UTC-UC3383_18 Datasheet
309Kb / 14P
PFM CONTROLLED, STEP-UP DC/DC CONVERTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com