Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LN321_E Datasheet (PDF) - Shanghai Natlinear Electronics Co., Ltd.

LN321_E Datasheet PDF - Shanghai Natlinear Electronics Co., Ltd.
Part # LN321_E
Download  LN321_E Download
File Size   479.66 Kbytes
Page   6 Pages
Manufacturer  NATLINEAR [Shanghai Natlinear Electronics Co., Ltd.]
Direct Link  http://www.natlinear.com/en/index/index
Logo NATLINEAR - Shanghai Natlinear Electronics Co., Ltd.
Description 1.1MHz Rail-To-Rail I/O CMOS Operational Amplifier

LN321_E Datasheet (PDF)

Go To PDF Page Download Datasheet
LN321_E Datasheet PDF - Shanghai Natlinear Electronics Co., Ltd.

Part # LN321_E
Download  LN321_E Click to download

File Size   479.66 Kbytes
Page   6 Pages
Manufacturer  NATLINEAR [Shanghai Natlinear Electronics Co., Ltd.]
Direct Link  http://www.natlinear.com/en/index/index
Logo NATLINEAR - Shanghai Natlinear Electronics Co., Ltd.
Description 1.1MHz Rail-To-Rail I/O CMOS Operational Amplifier

LN321_E Datasheet (HTML) - Shanghai Natlinear Electronics Co., Ltd.


LN321_E Product details

■ Features
 Low cost
 Rail-to-Rail input / output
 Unity-gain stable
 Slew rate: 0.52 (V/μs)
 Minimum power supply rejection ratio: 72dB
 Minimum common mode rejection ratio: 76dB
 Offset voltage: typically 0.8mV, 3.5mV maximum
 Gain bandwidth product: 1.1MHz
 Very low input bias current: 0.5pA
 Operating voltage range: 2.1V to 5.5V
 Input voltage range: 0.1V to +5.6 V (VS = 5.5V)
 Quiescent current: 42μA
■ Description
The LN321 (single) is rail-to-rail input and output voltage
feedback amplifier offering low cost. It has a wide input
common-mode voltage range and output voltage swing,
and takes the minimum operating supply voltage down to
2.1V and the maximum recommended supply voltage is
5.5V. All are specified over the extended –40°C to
+125°C temperature range.
The LN321 provides 1.1MHz bandwidth at a low current
consumption of 42μA per amplifier. Very low input bias
currents of 0.5pA, enable LN321 to be used for
integrators, photodiode amplifiers, and piezoelectric
sensors. Rail-to-rail inputs and outputs are useful to
designers buffering ASIC in single-supply systems.
Applications for this amplifier include safety monitoring,
portable equipment, battery and power supply control,
and signal conditioning and interfacing for transducers in
very low power systems.
■ Applications
ASIC input or output amplifiers
 Audio Output
 Handheld devices
 Mobile phones
 Notebook
 PCMCIA card




Similar Part No. - LN321_E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN321GP PANASONIC-LN321GP Datasheet
193Kb / 4P
ROUND-TOP VIEW 2.6mm SERIES
LN321GPH PANASONIC-LN321GPH Datasheet
30Kb / 1P
2.6 mm Series
LN321GPX PANASONIC-LN321GPX Datasheet
30Kb / 1P
2.6 mm Series
More results


Similar Description - LN321_E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA4374 BURR-BROWN-OPA4374 Datasheet
549Kb / 21P
6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
SG Micro Corp
SGM8541 SGMICRO-SGM8541 Datasheet
618Kb / 14P
1.1MHz, 42關A, Rail-to-Rail I/O CMOS Operational Amplifier
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA2374AIDG4 TI1-OPA2374AIDG4 Datasheet
1Mb / 37P
6.5MHz, 585muA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
SG Micro Corp
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
Rail-to-Rail I/O CMOS Operational Amplifier
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
Rail-to-Rail I/O CMOS Operational Amplifiers
SD06 SGMICRO-SD06 Datasheet
710Kb / 12P
960μA, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
August 31, 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com