Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NF22E-11 Datasheet (PDF) - ABB

NF22E-11 Datasheet PDF - ABB
Part # NF22E-11
Download  NF22E-11 Download
File Size   53.83 Kbytes
Page   3 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description NF22E-11 24-60V50/60HZ 20-60VDC Contactor Relay

NF22E-11 Datasheet (PDF)

Go To PDF Page Download Datasheet
NF22E-11 Datasheet PDF - ABB

Part # NF22E-11
Download  NF22E-11 Click to download

File Size   53.83 Kbytes
Page   3 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description NF22E-11 24-60V50/60HZ 20-60VDC Contactor Relay

NF22E-11 Datasheet (HTML) - ABB


NF22E-11 Product details

Extended Product Type:
Product ID:
EAN:
Catalog Description:
Long Description:
General Information
NF22E-11
1SBH137001R1122
3471523100114
NF22E-11 24-60V50/60HZ 20-60VDC Contactor Relay
NF contactor relays are used for switching auxiliary and control circuits. NF contactor relays
include an electronic coil interface accepting a wide control voltage Uc min. ... Uc max. Only
four coils cover control voltages between 24...500 V 50/60 Hz or 20...500 V DC. NF
contactor relays can manage large control voltage variations. One coil can be used for
different control voltages used worldwide without any coil change. NF contactor relays have
built-in surge protection and do not require additional surge suppressors. - Poles: 4-pole
contactor relays (mechanically-linked auxiliary contacts compliant with Annex L of IEC
60947-5-1 and including the "Mechanically Linked" symbol on the contactor relay side) -
Control Circuit: AC or DC operated - Accessories: a wide range of Accessories is available.
Note: NF..E-11 not suitable for a direct control by PLC-output. NF..E-11 type available in
some countries: please consult your ABB representative.




Similar Part No. - NF22E-11

ManufacturerPart #DatasheetDescription
logo
ABB
NF22E-13 ABB-NF22E-13 Datasheet
54Kb / 3P
NF22E-13 100-250V50/60HZ-DC Contactor Relay
More results


Similar Description - NF22E-11

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS11-1Y MACOM-DS11-1Y Datasheet
124Kb / 4P
DC solid state relay for loads up to 2A @ 60Vdc
logo
Teledyne Technologies I...
SR75-1W TELEDYNE-SR75-1W Datasheet
201Kb / 2P
1.5A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay
SCD21CDY TELEDYNE-SCD21CDY Datasheet
746Kb / 4P
2A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay
logo
Schneider Electric
S7550A0C0C6E0A0A SCHNEIDER-S7550A0C0C6E0A0A Datasheet
147Kb / 3P
ION7550 - wDispl - 5MB 256s - 5A 60VDC 60Hz - RST2E - 8I3R4O
May 21, 2020
logo
ABB
AF65-30-11-14 ABB-AF65-30-11-14 Datasheet
101Kb / 4P
AF65-30-11-14 250-500V50/60HZ-DC Contactor
2022
AF09-30-10-13 ABB-AF09-30-10-13 Datasheet
84Kb / 3P
AF09-30-10-13 100-250V50/60HZ-DC Contactor
12/22/14 3:30 PM
AF96-30-00-13 ABB-AF96-30-00-13 Datasheet
131Kb / 6P
100-250V50/60HZ-DC Contactor
AF116-30-11-13 ABB-AF116-30-11-13 Datasheet
234Kb / 6P
AF116-30-11-13 Contactor
NFZ40E-23 ABB-NFZ40E-23 Datasheet
129Kb / 5P
NFZ40E-23 100-250V50/60HZ-DC Contactor Relay
A9-30-10 ABB-A9-30-10 Datasheet
100Kb / 5P
A9-30-10 24V 50Hz / 24V 60Hz Contactor
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com