Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XT2055_E Datasheet (PDF) - Shanghai Natlinear Electronics Co., Ltd.

XT2055_E Datasheet PDF - Shanghai Natlinear Electronics Co., Ltd.
Part # XT2055_E
Download  XT2055_E Download
File Size   256.91 Kbytes
Page   10 Pages
Manufacturer  NATLINEAR [Shanghai Natlinear Electronics Co., Ltd.]
Direct Link  http://www.natlinear.com/en/index/index
Logo NATLINEAR - Shanghai Natlinear Electronics Co., Ltd.
Description Standalone Linear Li-Ion Battery Charger with Thermal Regulation

XT2055_E Datasheet (PDF)

Go To PDF Page Download Datasheet
XT2055_E Datasheet PDF - Shanghai Natlinear Electronics Co., Ltd.

Part # XT2055_E
Download  XT2055_E Click to download

File Size   256.91 Kbytes
Page   10 Pages
Manufacturer  NATLINEAR [Shanghai Natlinear Electronics Co., Ltd.]
Direct Link  http://www.natlinear.com/en/index/index
Logo NATLINEAR - Shanghai Natlinear Electronics Co., Ltd.
Description Standalone Linear Li-Ion Battery Charger with Thermal Regulation

XT2055_E Datasheet (HTML) - Shanghai Natlinear Electronics Co., Ltd.


XT2055_E Product details

■ Features
 Programmable charge current up to 500mA
 No MOSFET, sense resistor or blocking diode
required
 Complete linear charger in thinsot package for single
cell lithium-ion batteries
 Constant-current/constant-voltage operation with
thermal regulation to maximize charge rate without
risk of overheating
 Charges single cell li-ion batteries directly from USB
port
 Preset 4.2V charge voltage with 1% accuracy
 Charge current monitor output for gas gaugin
 Charge status output pin
 C/10 charge termination
 25μA supply current in shutdown
 2.9V trickle charge threshold (XT2055)
 Soft-start limits inrush current
 Available in 6-Lead SOT-23
■ General Description
The XT2055 is a complete constant-current /constant
-voltage linear charger for single cell lithium-ion batteries.
Its Thin SOT package and low external component count
make the XT2055 ideally suited for portable applications.
Furthermore, the XT2055 is specifically designed to work
within USB power specifications.
No external sense resistor is needed, and no blocking
diode is required due to the internal MOSFET architecture.
Thermal feedback regulates the charge current to limit the
die temperature during high power operation or high
ambient temperature. The charge voltage is fixed at 4.2V,
and the charge current can be programmed externally with
a single resistor. The XT2055 automatically terminates the
charge cycle when the charge current drops to 1/10th the
programmed value after the final float voltage is reached.
When the input supply (wall adapter or USB supply) is
removed, the XT2055 automatically enters a low current
state, dropping the battery drain current to less than 2μA.
The XT2055 can be put into shutdown mode, reducing the
supply current to 25μA.
Other features include charge current monitor,
under-voltage lockout, automatic recharge and a status pin
to indicate charge termination and the presence of an input
voltage.
■ Applications
 Cellular Telephones, PDAs, MP3 Players
 Bluetooth Applications




Similar Part No. - XT2055_E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XT2055 ETC1-XT2055 Datasheet
257Kb / 10P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation
More results


Similar Description - XT2055_E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBC08 STMICROELECTRONICS-STBC08 Datasheet
328Kb / 17P
800mA Standalone linear Li-Ion Battery charger with thermal regulation
04-Sep-2006
STC4054 STMICROELECTRONICS-STC4054 Datasheet
299Kb / 17P
800mA Standalone linear Li-Ion Battery charger with thermal regulation
04-Sep-2006
logo
Eutech Microelectronics...
EUP8054 EUTECH-EUP8054 Datasheet
431Kb / 17P
Standalone Linear Li-Ion Battery Charger With Thermal Regulation in ThinSOT
logo
FOSLINK SEMICONDUCTOR C...
FSP4054 FOSLINK-FSP4054 Datasheet
445Kb / 15P
Standalone Linear Li-ion Battery Charger with Thermal Regulation
logo
Linear Technology
LTC4054-4.2 LINER-LTC4054-4.2_15 Datasheet
197Kb / 16P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
Shenzhen Huazhimei Semi...
HM4057C HMSEMI-HM4057C Datasheet
577Kb / 10P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
List of Unclassifed Man...
XT2055 ETC1-XT2055 Datasheet
257Kb / 10P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
AiT Semiconductor Inc.
A4056 AITSEMI-A4056 Datasheet
679Kb / 10P
BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.2
A4056B AITSEMI-A4056B Datasheet
1Mb / 12P
BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
A4059 AITSEMI-A4059 Datasheet
481Kb / 12P
BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com