Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFP2325A Datasheet (PDF) - Alfa-MOS Technology Corporation

AFP2325A Datasheet PDF - Alfa-MOS Technology Corporation
Part # AFP2325A
Download  AFP2325A Download
File Size   504.25 Kbytes
Page   6 Pages
Manufacturer  ALFA-MOS [Alfa-MOS Technology Corporation]
Direct Link  http://www.alfa-mos.com/
Logo ALFA-MOS - Alfa-MOS Technology Corporation
Description 100V P-Channel Enhancement Mode MOSFET

AFP2325A Datasheet (PDF)

Go To PDF Page Download Datasheet
AFP2325A Datasheet PDF - Alfa-MOS Technology Corporation

Part # AFP2325A
Download  AFP2325A Click to download

File Size   504.25 Kbytes
Page   6 Pages
Manufacturer  ALFA-MOS [Alfa-MOS Technology Corporation]
Direct Link  http://www.alfa-mos.com/
Logo ALFA-MOS - Alfa-MOS Technology Corporation
Description 100V P-Channel Enhancement Mode MOSFET

AFP2325A Datasheet (HTML) - Alfa-MOS Technology Corporation


AFP2325A Product details

General Description
AFP2325A, P-Channel enhancement mode
MOSFET, uses Advanced Trench Technology
to provide excellent RDS(ON), low gate charge.
These devices are particularly suited for low
voltage power management, and low in-line
power loss are needed in commercial industrial
surface mount applications.

Features
-100V/-1.0A,RDS(ON)=600mΩ@VGS=-10V
-100V/-0.5A,RDS(ON)=650mΩ@VGS=-4.5V
Super high density cell design for extremely
low RDS (ON)
Exceptional on-resistance and maximum DC
current capability
SOT-23 package design




Similar Part No. - AFP2325A

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AFP2307AS23RG VBSEMI-AFP2307AS23RG Datasheet
1,023Kb / 9P
P-Channel 20-V (D-S) MOSFET
AFP2319AS23RG VBSEMI-AFP2319AS23RG Datasheet
808Kb / 9P
P-Channel 30 V (D-S) MOSFET
More results


Similar Description - AFP2325A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP10A17G DIODES-ZXMP10A17G Datasheet
642Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP10A17K DIODES-ZXMP10A17K Datasheet
683Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP10A18G DIODES-ZXMP10A18G_15 Datasheet
549Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
logo
Cystech Electonics Corp...
MTE300P10KN3 CYSTEKEC-MTE300P10KN3 Datasheet
471Kb / 9P
100V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP10H4D2S DIODES-DMP10H4D2S Datasheet
538Kb / 6P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP10A17GQ DIODES-ZXMP10A17GQ Datasheet
216Kb / 6P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMP10H4D2S DIODES-DMP10H4D2S_17 Datasheet
538Kb / 6P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
logo
Shenzhen Huazhimei Semi...
HM3P10MR HMSEMI-HM3P10MR Datasheet
1Mb / 5P
100V P-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
FDMS86163P LEIDITECH-FDMS86163P Datasheet
2Mb / 5P
-100V P-Channel Enhancement Mode MOSFET
Rev : 01.09.2021
FQD8P10TM_F085 LEIDITECH-FQD8P10TM_F085 Datasheet
1Mb / 5P
-100V P-Channel Enhancement Mode MOSFET
Rev : 01.0 8 .2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com