Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

35563 Datasheet (PDF) - MENDA

35563 Datasheet PDF - MENDA
Part # 35563
Download  35563 Download
File Size   279.06 Kbytes
Page   1 Pages
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA
Description durAstatic® Flux Dispenser with Needle Tip, 2 oz

35563 Datasheet (PDF)

Go To PDF Page Download Datasheet
35563 Datasheet PDF - MENDA

Part # 35563
Download  35563 Click to download

File Size   279.06 Kbytes
Page   1 Pages
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA
Description durAstatic® Flux Dispenser with Needle Tip, 2 oz

35563 Datasheet (HTML) - MENDA


35563 Product details

FEATURES
• Low Density Polyethylene (LDPE) durAstatic® liquid dispensing flux bottles with needle tips
are safe to use around static sensitive components
• ESD properties are embedded into the bottle and conductive cap for longer product life
• Silicone Free - No migratory additives or surfactants to cause contamination or oily surface
• Volume Resistance: 1 x 107 ohms to < 1 x 1010 ohms per ANSI/ESD STD11.12
• Embossed with ESD protective symbol
• Available with 4 different needle tip sizes: 16, 18, 20, 26 GA
• Available in 2 colors: Blue and Yellow
• Made in the United States of America




Similar Part No. - 35563

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35563-1615 MOLEX5-35563-1615 Datasheet
102Kb / 2P
1.02mm (.040") Tab Wire-to-Board Housing, Female, 16 Circuits
35563-1615 MOLEX11-35563-1615 Datasheet
38Kb / 1P
1.02mm Tab Wire-to-Board Housing, Female, 16 Circuits
355631615 MOLEX5-355631615 Datasheet
102Kb / 2P
1.02mm (.040") Tab Wire-to-Board Housing, Female, 16 Circuits
More results


Similar Description - 35563

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U840A ETC2-U840A Datasheet
57Kb / 1P
TOILET TISSUE DISPENSER
logo
Ralston Instruments.
AS-QTHA-0109-BR RALSTON-AS-QTHA-0109-BR Datasheet
299Kb / 1P
Needle valve assembly, brass
AS-QTHA-0109-SS RALSTON-AS-QTHA-0109-SS Datasheet
287Kb / 1P
Needle valve assembly, stainless steel
logo
Pomona Electronics
4988 POMONA-4988 Datasheet
19Kb / 1P
Needle Tip, Replacement
logo
List of Unclassifed Man...
BU-50C ETC2-BU-50C Datasheet
53Kb / 1P
Meter Testing Clip With Needle
logo
Roithner LaserTechnik G...
FIELDMATE ROITHNER-FIELDMATE Datasheet
472Kb / 2P
analog needle for tuning
logo
Linkage Goston Electron...
LNK6935D LINKAGE-LNK6935D Datasheet
2Mb / 7P
Non-IsolatIon DIspenser LED
SM7381P LINKAGE-SM7381P Datasheet
2Mb / 8P
Non-IsolatIon DIspenser LED
logo
PHOENIX CONTACT
1014401 PHOENIX-1014401 Datasheet
41Kb / 2P
Label dispenser - THERMOMARK ROLL X1 -DISPENSER
logo
List of Unclassifed Man...
SL101N ETC-SL101N Datasheet
503Kb / 1P
Digital Dispenser
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com