Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

35657 Datasheet (PDF) - MENDA

35657 Datasheet PDF - MENDA
Part # 35657
Download  35657 Download
File Size   66.21 Kbytes
Page   1 Pages
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA
Description Cable Covers

35657 Datasheet (PDF)

Go To PDF Page Download Datasheet
35657 Datasheet PDF - MENDA

Part # 35657
Download  35657 Click to download

File Size   66.21 Kbytes
Page   1 Pages
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA
Description Cable Covers

35657 Datasheet (HTML) - MENDA


35657 Product details

Description:
MENDA’s cable covers can help you! This product is a modular
cover that is 54” long and can easily be cut into three sections or
connected to another cover for longer applications. Not only can it
help manage your cables, it also can protect large cables from wear
with its unique durable woven material.
Features:
• 4” black nylon webbing
• 3 zippers of 18” each
• Zipper sewn on both sides 1” (± .0625”) from end
• Sewn with a poly black thread
• Black hook and loop
• Material: Nylon 6
• Thickness: 0.041” (± 0.007”)




Similar Part No. - 35657

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
35657184 ETC-35657184 Datasheet
2Mb / 1P
SEE COMPONENT DRAWING
REV 02
35657185 ETC-35657185 Datasheet
2Mb / 1P
SEE COMPONENT DRAWING
REV 02
35657186 ETC-35657186 Datasheet
2Mb / 1P
SEE COMPONENT DRAWING
REV 02
More results


Similar Description - 35657

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
660-004M20S6 GLENAIR-660-004M20S6 Datasheet
57Kb / 2P
Protective Covers
660-006G16S5 GLENAIR-660-006G16S5 Datasheet
56Kb / 2P
Protective Covers
660-008M20S6 GLENAIR-660-008M20S6 Datasheet
61Kb / 2P
Protective Covers
660-014G16S5 GLENAIR-660-014G16S5 Datasheet
61Kb / 2P
Protective Covers
660-019M16S GLENAIR-660-019M16S Datasheet
62Kb / 2P
Protective Covers
660-047XO23 GLENAIR-660-047XO23 Datasheet
76Kb / 1P
Protective Covers
660-051XO20R6 GLENAIR-660-051XO20R6 Datasheet
258Kb / 1P
Protective Covers
M28840-13HAW GLENAIR-M28840-13HAW Datasheet
79Kb / 1P
Protective Covers
MS17349C-12A GLENAIR-MS17349C-12A Datasheet
76Kb / 1P
Protective Covers
logo
Aries Electronics, Inc.
04-650-10 ARIES-04-650-10 Datasheet
133Kb / 1P
Header Covers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com