Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CW1073AAES Datasheet (PDF) - CellWise Microelectronics

CW1073AAES Datasheet PDF - CellWise Microelectronics
Part # CW1073AAES
Download  CW1073AAES Download
File Size   2031.61 Kbytes
Page   17 Pages
Manufacturer  CELLWISE [CellWise Microelectronics]
Direct Link  http://en.cellwise-semi.com/
Logo CELLWISE - CellWise Microelectronics
Description 6~7 battery protection IC

CW1073AAES Datasheet (PDF)

Go To PDF Page Download Datasheet
CW1073AAES Datasheet PDF - CellWise Microelectronics

Part # CW1073AAES
Download  CW1073AAES Click to download

File Size   2031.61 Kbytes
Page   17 Pages
Manufacturer  CELLWISE [CellWise Microelectronics]
Direct Link  http://en.cellwise-semi.com/
Logo CELLWISE - CellWise Microelectronics
Description 6~7 battery protection IC

CW1073AAES Datasheet (HTML) - CellWise Microelectronics


CW1073AAES Product details

Features
• Working state 15ÿA (25°C) • Sleep state
5ÿA (25°C) ÿPackage : SSOP24
PWM control drive ÿLow
operating current
ÿOvercharge detection
function • Threshold range 3.750V, 4.175V~4.450V, 25mV step, ± 25mV
accuracyÿOverdischarge
detection function • Threshold
range 2.100V~3.000V, 100mV step, ± 80mV accuracyÿOvercurrent
detection function •
Overcurrent detection 1
Threshold range
0.050V~0.100V, 50mV step, ± 5mV accuracy• Overcurrent
detection 2
Threshold range
0.100V~0.200 V, 100mV step, ± 5mV accuracy• Short circuit
protection
threshold range
0.200V~0.500V, 100mV step, ± 10mV accuracyÿTemperature
detection function •
Charging high and low
temperature protection, temperature can be set
externally• Discharging high temperature protection,
discharging low
temperature protection optionalÿBalance functionÿAchieve 6 through
SEL terminal 1-cell, 7-cell
battery switch ÿDisconnection detection function ÿLoad detection function

Application Areas
ÿPower
toolsÿElectric
bicyclesÿVacuum
cleanersÿLithium - ion and lithium -polymer battery packs
CW1073 has built-in MOSFET driving function and supports external
PWM signal to control DO_PWM terminal output through DCTRL terminal to
realize motor speed regulation and soft start function.
The CW1073 series is a lithium battery protection chip with built-in highprecision
detection circuit and delay circuit, suitable for 6-7 series lithium-ion
batteries or lithium polymer battery packs. It provides overcharge detection, overdischarge
detection, over-current detection, balancing, disconnection detection,
and high and low temperature protection for lithium battery packs.
Basic D escription




Similar Part No. - CW1073AAES

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
CW10 WELWYN-CW10 Datasheet
71Kb / 2P
Tubular Cement Coated Wirewound Resistors
logo
TT Electronics.
CW10 TTELEC-CW10 Datasheet
72Kb / 2P
Tubular Cement Coated Wirewound Resistors
04.03
logo
M/A-COM Technology Solu...
CW1000-90-DOR MA-COM-CW1000-90-DOR Datasheet
158Kb / 2P
High Power CW Laser Diodes
CW1000-90-DTR MA-COM-CW1000-90-DTR Datasheet
158Kb / 2P
High Power CW Laser Diodes
CW1000-90-OOR MA-COM-CW1000-90-OOR Datasheet
158Kb / 2P
High Power CW Laser Diodes
More results


Similar Description - CW1073AAES

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8204A SII-S8204A Datasheet
650Kb / 34P
BATTERY PROTECTION IC
S8211D SII-S8211D Datasheet
1Mb / 38P
BATTERY PROTECTION IC
logo
Unisonic Technologies
UB209B UTC-UB209B_15 Datasheet
244Kb / 9P
BATTERY PROTECTION IC
logo
Seiko Instruments Inc
S-8205AAA-TCT1U SII-S-8205AAA-TCT1U Datasheet
2Mb / 33P
BATTERY PROTECTION IC
S-8209BAA-T8T1Y SII-S-8209BAA-T8T1Y Datasheet
1Mb / 26P
BATTERY PROTECTION IC
S-8211CAA-M5T1X SII-S-8211CAA-M5T1X Datasheet
2Mb / 43P
BATTERY PROTECTION IC
S-8211EAC-M5T1U SII-S-8211EAC-M5T1U Datasheet
1Mb / 29P
BATTERY PROTECTION IC
S-8252AAA-M6T1U SII-S-8252AAA-M6T1U Datasheet
2Mb / 36P
BATTERY PROTECTION IC
logo
uPI Group Inc.
UP8207 UPI-UP8207 Datasheet
240Kb / 17P
Battery Protection IC
logo
Shenzhen Guan Hua Wei Y...
WSTDW01 WIINSOK-WSTDW01 Datasheet
1Mb / 7P
battery protection IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com