Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9141-A Datasheet (PDF) - Renesas Technology Corp

DA9141-A Datasheet PDF - Renesas Technology Corp
Part # DA9141-A
Download  DA9141-A Download
File Size   1384.45 Kbytes
Page   48 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High-Performance, 25 A/40 A Peak, DC-DC Converter for Automotive Applications

DA9141-A Datasheet (PDF)

Go To PDF Page Download Datasheet
DA9141-A Datasheet PDF - Renesas Technology Corp

Part # DA9141-A
Download  DA9141-A Click to download

File Size   1384.45 Kbytes
Page   48 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High-Performance, 25 A/40 A Peak, DC-DC Converter for Automotive Applications

DA9141-A Datasheet (HTML) - Renesas Technology Corp


DA9141-A Product details

▪ 2.8 V to 5.5 V input voltage
▪ 0.5 V to 1.3 V output voltage
▪ Up to 40 A peak output current, 25 A continuous
output current
▪ 4 MHz nominal switching frequency
▪ Quad-phase operation
▪ 110 nH inductor per phase
▪ 220 μF output capacitor
▪ ±1% output voltage accuracy (static)
▪ ±5% load transient
▪ I2C-compatible interface (FM+)
▪ Programmable GPIOs
▪ Programmable soft startup
▪ Voltage, current, and temperature supervision
▪ Automotive Grade 1
▪ 60 FC-BGA 4.5 mm x 7 mm (0.65 mm pitch)
▪ 180 mm2 total solution area
▪ AEC-Q100 qualified




Similar Part No. - DA9141-A

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9141-A DIALOG-DA9141-A Datasheet
1Mb / 46P
High-Performance, 25 A/40 A Peak, DC-DC Converter
logo
Renesas Technology Corp
DA9141-A RENESAS-DA9141-A Datasheet
1Mb / 51P
High-Performance, 25 A/40 A Peak, DC-DC Converter for Automotive Applications
28-Jan-2022
More results


Similar Description - DA9141-A

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9130-A DIALOG-DA9130-A Datasheet
1Mb / 46P
High-Performance, 10 A, Dual-Phase DC-DC Converter for Automotive Applications
DA9141 DIALOG-DA9141 Datasheet
1Mb / 46P
High-Performance, 25 A/40 A Peak, DC-DC Converter
DA9141-A DIALOG-DA9141-A Datasheet
1Mb / 46P
High-Performance, 25 A/40 A Peak, DC-DC Converter
DA9142 DIALOG-DA9142 Datasheet
1Mb / 46P
High-Performance, 13 A/20 A Peak, DC-DC Converter
DA9142-A DIALOG-DA9142-A Datasheet
1Mb / 46P
High-Performance, 13 A/20 A Peak, DC-DC Converter
logo
Renesas Technology Corp
DA9130-A RENESAS-DA9130-A Datasheet
975Kb / 45P
High-Performance, 10 A, Dual-Phase DC-DC Converter for Automotive Applications
14-Apr-2022
DA9141-A RENESAS-DA9141-A Datasheet
1Mb / 51P
High-Performance, 25 A/40 A Peak, DC-DC Converter for Automotive Applications
28-Jan-2022
DA9141 RENESAS-DA9141 Datasheet
1Mb / 51P
High-Performance, 25 A/40 A Peak, DC-DC Converter
28-Jan-2022
DA9142-A RENESAS-DA9142-A Datasheet
1Mb / 51P
High-Performance, 13 A/20 A Peak, DC-DC Converter for Automotive Applications
28-Jan-2022
DA9142 RENESAS-DA9142 Datasheet
1Mb / 52P
High-Performance, 13 A/20 A Peak, DC-DC Converter
28-Jan-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com