Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC271BIS-13 Datasheet (PDF) - Diodes Incorporated

TLC271BIS-13 Datasheet PDF - Diodes Incorporated
Part # TLC271BIS-13
Download  TLC271BIS-13 Download
File Size   2862.27 Kbytes
Page   51 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description CMOS PROGRAMMABLE LOW POWER OPERATIONAL AMPLIFIERS

TLC271BIS-13 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC271BIS-13 Datasheet PDF - Diodes Incorporated

Part # TLC271BIS-13
Download  TLC271BIS-13 Click to download

File Size   2862.27 Kbytes
Page   51 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description CMOS PROGRAMMABLE LOW POWER OPERATIONAL AMPLIFIERS

TLC271BIS-13 Datasheet (HTML) - Diodes Incorporated


TLC271BIS-13 Product details

Description
The TLC271 operational amplifier combines a wide range of input
offset voltage grades with low offset voltage drift and high input
impedance. In addition, the TLC271 offers a bias-select mode that
allows the user to select the best combination of power
dissipation and AC performance for a particular application.
Using the bias-select option, these devices can be programmed
to fit a wide range of applications. Three offset voltage grades are
available, ranging from the low-cost TLC271 (10mV) to the
TLC271B (2mV) low-offset version. The devices are offered in
both commercial and industrial operating temperature ranges.
The extremely high input impedance and low bias currents, in
conjunction with good common-mode and supply voltage rejection
make these devices an excellent choice for high performance
designs.
The devices also feature low-voltage single-supply operation with
a common-mode input voltage range which includes the negative
rail.

Features
 Wide range of supply voltages over specified temperature
range:
0°C to 70°C . . . 3 V to 16 V
-40°C to 85°C . . . 4 V to 16 V
 Single-Supply Operation
 Common-Mode Input Voltage Range
 Extends Below the Negative Rail
 Low Noise:
20 nV/√Hz Typical @ f = 1kHz
(High-Bias Mode)
 Output Voltage Range Includes Negative Rail
 High Input Impedance
 ESD-Protection Circuitry
 Designed-In Latch-Up Immunity
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)

Applications
With the programmability options of the TLC271, a designer can
choose a very low current option allowing for extended battery life or
choose a higher current option for more performance. It is possible to
switch performance modes as the application demands change.
The TLC271 is well suited for many consumer audio, industrial and
other low power applications.
 Audio
Microphone Preamplifier
Filtering – Equalizers
Signal Amplification
 Industrial
Power Supply
Instrumentation
Metering
 Medical
Portable Meters and Measurement
Instrumentation




Similar Part No. - TLC271BIS-13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC271BID TI-TLC271BID Datasheet
1Mb / 74P
LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271BID TI-TLC271BID Datasheet
1Mb / 82P
LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271BID TI-TLC271BID Datasheet
1Mb / 83P
LinCMOS PROGRAMMABLE LOW-POWER TIONAL AMPLIFIERS
TLC271BID TI-TLC271BID Datasheet
2Mb / 84P
LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271BIDG4 TI-TLC271BIDG4 Datasheet
1Mb / 82P
LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
More results


Similar Description - TLC271BIS-13

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS271C STMICROELECTRONICS-TS271C Datasheet
168Kb / 15P
PROGRAMMABLE CMOS SINGLE OPERATIONAL AMPLIFIERS
Oct-1997
UA776 STMICROELECTRONICS-UA776 Datasheet
99Kb / 8P
PROGRAMMABLE LOW POWER SINGLE OPERATIONAL AMPLIFIERS
Dec-1997
logo
Texas Instruments
TLC251 TI-TLC251 Datasheet
273Kb / 18P
LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271 Datasheet
1Mb / 74P
LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271_01 Datasheet
1Mb / 82P
LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
ICL7611 INTERSIL-ICL7611_07 Datasheet
251Kb / 13P
1.4MHz, Low Power CMOS Operational Amplifiers
April 26, 2007
logo
Rohm
BU7265G_1012 ROHM-BU7265G_1012 Datasheet
596Kb / 29P
Ultra Low Power CMOS Operational Amplifiers
logo
Texas Instruments
TLC251CDRG4 TI1-TLC251CDRG4 Datasheet
616Kb / 22P
LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC251 TI1-TLC251_16 Datasheet
831Kb / 22P
LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271_V01 Datasheet
2Mb / 84P
LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com