Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

35893 Datasheet (PDF) - MENDA

35893 Datasheet PDF - MENDA
Part # 35893
Download  35893 Download
File Size   634.68 Kbytes
Page   1 Pages
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA
Description Drinking Cup, Stainless Steel, 16 oz. (470 mL)

35893 Datasheet (PDF)

Go To PDF Page Download Datasheet
35893 Datasheet PDF - MENDA

Part # 35893
Download  35893 Click to download

File Size   634.68 Kbytes
Page   1 Pages
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA
Description Drinking Cup, Stainless Steel, 16 oz. (470 mL)

35893 Datasheet (HTML) - MENDA


35893 Product details

Description
• Replacement for static generating foam and plastic cups or water
bottles on the workstation
• ESD Protective -
- Bottom covered with slip resistant conductive rubber
- Low charging
- Stainless steel portion grounded when picked up by a grounded
operator or when placed on a grounded ESD worksurface
< 1 second Charge decay ± 1,000 volts to ± 100 volts tested per
IEC 61340-5-1-1998 Test method B2
- Bottom and cylindrical cup portions Rs < 1 x 109 ohms per
ANSI/ESD STM11.13
• Drinking Cup - Perfect for hot or cold drinks
• Reusable
• 16 ounces (470 mL), 7.5 inches (19.5 cm) tall
• Double wall with Stainless Steel exterior and interior
• Screw-on lid with flip opening
• BPA & toxin free
• Made in China




Similar Part No. - 35893

ManufacturerPart #DatasheetDescription
logo
Heyco.
3589 HEYCO-3589 Datasheet
231Kb / 1P
Nytye®Mounting Platforms
logo
MENDA
35896 MENDA-35896 Datasheet
328Kb / 1P
ONE-TOUCH, 1 OZ ROUND GLASS BOTTLE WITH PFA STEM
October2017
logo
Molex Electronics Ltd.
35896-2010 MOLEX5-35896-2010 Datasheet
150Kb / 2P
1.02/2.28mm (.040/.090") Tab, Hybrid Wire-to-Wire Housing, Female, 20 Circuits
35896-2010 MOLEX11-35896-2010 Datasheet
39Kb / 1P
1.02/2.28mm Tab, Hybrid Wire-to-Wire Housing, Female, 20 Circuits
35896-2210 MOLEX5-35896-2210 Datasheet
129Kb / 2P
1.02/2.28mm (.040/.090") Tab, Hybrid Wire-to-Wire Housing, Female, 22 Circuits
More results


Similar Description - 35893

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
Stainless Steel
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
Stainless Steel
QTHA-2FS1 RALSTON-QTHA-2FS1_19 Datasheet
285Kb / 1P
Stainless Steel.
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
Stainless Steel
QTHA-2FSA-QD RALSTON-QTHA-2FSA-QD_19 Datasheet
258Kb / 1P
Stainless Steel
QTHA-EHS0 RALSTON-QTHA-EHS0 Datasheet
429Kb / 1P
Stainless Steel
QTHA-3FS1 RALSTON-QTHA-3FS1_19 Datasheet
475Kb / 1P
Stainless Steel
QTHA-3FS0 RALSTON-QTHA-3FS0_19 Datasheet
475Kb / 1P
Stainless Steel
QTHA-2MS0-RS RALSTON-QTHA-2MS0-RS_19 Datasheet
281Kb / 1P
Stainless Steel
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com