Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZR-MY2-1P Datasheet (PDF) - Honeywell Solid State Electronics Center

SZR-MY2-1P Datasheet PDF - Honeywell Solid State Electronics Center
Part # SZR-MY2-1P
Download  SZR-MY2-1P Download
File Size   580.8 Kbytes
Page   10 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Sensing and Control

SZR-MY2-1P Datasheet (PDF)

Go To PDF Page Download Datasheet
SZR-MY2-1P Datasheet PDF - Honeywell Solid State Electronics Center

Part # SZR-MY2-1P
Download  SZR-MY2-1P Click to download

File Size   580.8 Kbytes
Page   10 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Sensing and Control

SZR-MY2-1P Datasheet (HTML) - Honeywell Solid State Electronics Center


SZR-MY2-1P Product details

FEATURES
• Small package design
• DPDT has a fine silver contact with 5 A capability
• 4PDT has a gold-plated silver contact with 3 A capability
• High dielectric strength (1,800 Vac)
• High reliability and long life
• Ultra-high sensitivity with quick response time (20 ms max.)
• Options include LED indicator, diode protection, and LED indicator/diode protection
• UL listed, CE certified, CSA certified

TYPICAL APPLICATIONS
• Control panels
• Elevator panels
• Machine tools
• Test equipment




Similar Part No. - SZR-MY2-1P

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SZR05A0A SEOUL-SZR05A0A Datasheet
820Kb / 21P
Z Power LED - Super high Flux output and high Luminance
logo
JST Mfg. Co., Ltd.
SZRO-A021T-M0.64 JST-SZRO-A021T-M0.64 Datasheet
340Kb / 3P
Board-to-wire
SZRO-A021T-M0.64 JST-SZRO-A021T-M0.64 Datasheet
426Kb / 6P
Wire-to-wire Panek Mount connector
SZRO-A031T-M0.64 JST-SZRO-A031T-M0.64 Datasheet
340Kb / 3P
Board-to-wire
SZRO-A031T-M0.64 JST-SZRO-A031T-M0.64 Datasheet
426Kb / 6P
Wire-to-wire Panek Mount connector
More results


Similar Description - SZR-MY2-1P

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2961 ALLEGRO-2961 Datasheet
94Kb / 12P
HIGH-CURRENT HALF-BRIDGE PRINTHEAD/MOTOR DRIVER.WITH INTERNAL CURRENT SENSING AND CONTROL
logo
Honeywell Accelerometer...
13C5000PA4K HONEYWELL-ACC-13C5000PA4K Datasheet
70Kb / 2P
Honeywell Sensing and Control
SS421H HONEYWELL-ACC-SS421H Datasheet
466Kb / 5P
Honeywell Sensing and Control
FF-SRL60252 HONEYWELL-ACC-FF-SRL60252 Datasheet
43Kb / 1P
Honeywell Sensing and Control
SS496B-S HONEYWELL-ACC-SS496B-S Datasheet
166Kb / 1P
Honeywell sensing and control
SDP8436-003 HONEYWELL-ACC-SDP8436-003 Datasheet
40Kb / 1P
Honeywell Sensing and Control
FF-SRS60252 HONEYWELL-ACC-FF-SRS60252 Datasheet
139Kb / 1P
honeywell Sensing aond Control
FF-SRE3081E HONEYWELL-ACC-FF-SRE3081E Datasheet
100Kb / 1P
Honeywell Sensing and Control
logo
Texas Instruments
TDC1000 TI1-TDC1000 Datasheet
2Mb / 60P
TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
logo
OSRAM GmbH
SFH2200FAA01 OSRAM-SFH2200FAA01 Datasheet
993Kb / 17P
Remote Control, Proximity, Ambient Light Sensing
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com