Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6701 Datasheet (PDF) - MAGNTEK

6701 Datasheet PDF - MAGNTEK
Part # 6701
Download  6701 Download
File Size   3438.47 Kbytes
Page   37 Pages
Manufacturer  MAGNTEK [MAGNTEK]
Direct Link  https://magntek.de/
Logo MAGNTEK - MAGNTEK
Description Hall Based Angle Position Encoder Sensor

6701 Datasheet (PDF)

Go To PDF Page Download Datasheet
6701 Datasheet PDF - MAGNTEK

Part # 6701
Download  6701 Click to download

File Size   3438.47 Kbytes
Page   37 Pages
Manufacturer  MAGNTEK [MAGNTEK]
Direct Link  https://magntek.de/
Logo MAGNTEK - MAGNTEK
Description Hall Based Angle Position Encoder Sensor

6701 Datasheet (HTML) - MAGNTEK


6701 Product details

Features and Benefits
■Based on Hall Sensing Technology with
0°~360° Full Range Angle Sensing
■3.3~5.0V Operation Power Supply, build in
EEPROM (Programing at VDD>4.5V)
■Independent Output Interface: I2C, SSI, ABZ,
UVW, Analog/PWM and Push-Button
Function on Z-Axis
■Maximum Rotation Speed 55,000 RPM
■Output Propagation Delay <5 us
■Incremental ABZ Resolution 1~1024 Pulses
per Revolution (PPR) User Programmable
■UVW Output Resolution 1~16 Pole-Pairs
per Revolution User Programmable
■RoHS Compliant 2011/65/EU
■SOP-8 and QFN3x3-16L Package

General Description
The MagnTek rotary position sensor MT6701
is an IC based on Hall sensing technology. The
chip senses the Z-Axis component of the
rotating magnet in the X-Y plane and delivers
two sinusoidal output signals to the DSP
which indicating the angle (α) between the
sensor and the magnetic field direction.
The incremental ABZ output mode is available
in this sensor series, making the chip suitable
to replace various optical encoders. The
maximum resolution is 1024 pulses/4096 steps
per revolution in binary mode.
A standard I2C or SSI interface allows a host
microcontroller to read the 14-bit absolute
a n g l e p o s i t i o n d a t a f r om MT 6 7 0 1 . T h e
absolute angle position is also provided as
P W M o u t p u t o r l i n e a r a n a l o g s i g n a l
proportional to VDD from a 12-bit DAC.
Additionally, the PUSH output indicates the
fast air-gap changes between the MT6701 and
magnet which can be used to implement a
contactless pushbutton function in which the
knob can be pressed to move the magnet
toward the MT6701.

Applications
■Absolute Linear Position Sensor
■Robotics Control
■Contactless Knob
■Contactless Potentiometer




Similar Part No. - 6701

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6701 POMONA-6701 Datasheet
25Kb / 1P
BNC Male to Dual BNC Female Right-Angle Adapter
logo
Bourns Electronic Solut...
6701-RC BOURNS-6701-RC Datasheet
94Kb / 1P
High Current Toroid Inductors (with header)
logo
Alpha Wire
67010 ALPHAWIRE-67010 Datasheet
97Kb / 4P
Customer Specification
2/23/2023
logo
KNIPEX
6701140 KNIPEX-6701140 Datasheet
115Kb / 2P
High Leverage End Cutting Nipper
05.07.2021
6701160 KNIPEX-6701160 Datasheet
114Kb / 2P
High Leverage End Cutting Nipper
05.07.2021
More results


Similar Description - 6701

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSH41 FOSLINK-FSH41 Datasheet
145Kb / 5P
BIPOLAR HALL EFFECT POSITION SENSOR
logo
IC-Haus GmbH
IC-MA ICHAUS-IC-MA Datasheet
302Kb / 18P
ANGULAR HALL SENSOR / ENCODER
IC-ML ICHAUS-IC-ML Datasheet
337Kb / 17P
HALL Position Sensor / Encoder
logo
SEC Electronics Inc.
SS41 SECELECTRONICS-SS41 Datasheet
195Kb / 6P
Bipolar Hall-Effect Position Sensor
logo
IC-Haus GmbH
MHL200 ICHAUS-MHL200 Datasheet
613Kb / 28P
12-BIT LINEAR /ROTARY POSITION HALL ENCODER
logo
SEC Electronics Inc.
SS41F SECELECTRONICS-SS41F Datasheet
237Kb / 6P
Hall Latch Position Sensor
SS539_1311 SECELECTRONICS-SS539_1311 Datasheet
218Kb / 5P
Bipolar Hall-Effect Position Sensor
SS2019 SECELECTRONICS-SS2019 Datasheet
318Kb / 6P
Hall Latch Position Sensor
logo
STMicroelectronics
STEVAL-IHM028V2 STMICROELECTRONICS-STEVAL-IHM028V2 Datasheet
353Kb / 9P
Hall sensor or encoder input
22-Jul-2014
logo
IC-Haus GmbH
IC-MHL200 ICHAUS-IC-MHL200 Datasheet
1,021Kb / 33P
12-BIT LINEAR / ROTARY POSITION HALL ENCODER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com