Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS112C14 Datasheet (PDF) - Texas Instruments

ADS112C14 Datasheet PDF - Texas Instruments
Part # ADS112C14_V01
Download  ADS112C14 Download
File Size   2745.91 Kbytes
Page   84 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS1x2C14 Low-power, 16- and 24-Bit, 8-Channel, 64kSPS, Delta-Sigma ADC With ADS1x2C14 Low-power, 16- and 24-Bit, 8-Channel, 64kSPS, Delta-Sigma ADC With

ADS112C14 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS112C14 Datasheet PDF - Texas Instruments

Part # ADS112C14_V01
Download  ADS112C14 Click to download

File Size   2745.91 Kbytes
Page   84 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS1x2C14 Low-power, 16- and 24-Bit, 8-Channel, 64kSPS, Delta-Sigma ADC With ADS1x2C14 Low-power, 16- and 24-Bit, 8-Channel, 64kSPS, Delta-Sigma ADC With

ADS112C14 Datasheet (HTML) - Texas Instruments


ADS112C14 Product details

1 Features
• Low power consumption (as low a 57μA)
• Wide supply voltage range:
– Analog: 1.74V to 3.6V
– Digital: 1.65V to 3.6V
• Programmable gain: 0.5 to 256
• Programmable data rate (up to 64kSPS) and speed mode to trade power consumption and noise performance
• Simultaneous 50Hz and 60Hz rejection at 20 or 25SPS with single-cycle settling digital filter
• Analog multiplexer with 8 independently selectable inputs
• Dual-matched programmable current sources
• Internal programmable voltage reference: 1.25V or 2.5V with 25ppm/°C (max) drift
• Internal 1% (max) accurate oscillator
• Internal temperature sensor
• Four general-purpose I/Os (push-pull or opendrain output)
• I2C-compatible interface with optional CRC
• Supported I2C bus speeds: Sm, Fm, Fm+
• Eight pin-programmable I2C addresses




Similar Part No. - ADS112C14_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS112C14 TI2-ADS112C14 Datasheet
2Mb / 84P
ADS1x2C14 Low-power, 16- and 24-Bit, 8-Channel, 64kSPS, Delta-Sigma ADC With PGA, Voltage Reference, and I2C Interface
DECEMBER 2025
More results


Similar Description - ADS112C14_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7798 AD-AD7798 Datasheet
499Kb / 17P
Low Power, 24-Bit/16-Bit Sigma-Delta ADC with In-Amp
7/13-Rev. A to Rev. B
AD7171 AD-AD7171 Datasheet
284Kb / 16P
16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7796 AD-AD7796_15 Datasheet
561Kb / 24P
Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7797 AD-AD7797_15 Datasheet
561Kb / 24P
Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
REV. B
AD7124-8 AD-AD7124-8_17 Datasheet
1Mb / 93P
8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
Rev. D
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
16-Bit, Low Power, Sigma-Delta ADC
23-Feb-2017
logo
Maxim Integrated Produc...
MAX11254 MAXIM-MAX11254_V01 Datasheet
1Mb / 51P
24-Bit, 6-Channel, 64ksps, 6.2nV/?숰z PGA, Delta-Sigma ADC with SPI Interface
2018
MAX11270 MAXIM-MAX11270_V01 Datasheet
1Mb / 47P
24-Bit, 10mW, 130dB SNR, 64ksps Delta-Sigma ADC with Integrated PGA
2015
logo
Analog Devices
ADFS7124-8 AD-ADFS7124-8 Datasheet
2Mb / 93P
8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com