Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E1152 Datasheet (PDF) - YORKVILLE

E1152 Datasheet PDF - YORKVILLE
Part # E1152
Download  E1152 Download
File Size   111.69 Kbytes
Page   2 Pages
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE
Description E1152

E1152 Datasheet (PDF)

Go To PDF Page Download Datasheet
E1152 Datasheet PDF - YORKVILLE

Part # E1152
Download  E1152 Click to download

File Size   111.69 Kbytes
Page   2 Pages
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE
Description E1152

E1152 Datasheet (HTML) - YORKVILLE


E1152 Product details

Features
• 4000 Watt Full Range Loudspeaker (2000 Watts Program)
• 15-inch Neodymium Woofer
• Max SPL 133dB Peak (130dB Continuous)
• Titanium HF Driver w/ 3-inch Voicecoil
• Trapezoidal Front-of House Cabinet
• 60° x 50° High Pressure Die-Cast Polyurethane Foam Horn
• Innovative CTL™ High Frequency Driver Protection
• 2 x Speakon™ Inputs 1 x Full Range 1/4-inch Input)
• Integrated All Metal Speaker Standmount Adaptor
• Solid 5/8-inch (15mm) Birch Plywood Construction
• Made in Canada




Similar Part No. - E1152

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
E115 MPD-E115 Datasheet
160Kb / 2P
Isolated, Single Output Miniature, 1W SIP DC/DC Converters
logo
Pulse A Technitrol Comp...
E115 PULSE-E115 Datasheet
261Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
E115 PULSE-E115 Datasheet
192Kb / 4P
SURFACE MOUNT 10BASE-T INTERFACE MODULES
E115 PULSE-E115 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
MicroPower Direct, LLC
E115I MPD-E115I Datasheet
185Kb / 2P
High Isolation Miniature, 1W SIP DC/DC Converters
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com