Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC5500 Datasheet (PDF) - Infinite Electronics International, Inc.

SC5500 Datasheet PDF - Infinite Electronics International, Inc.
Part # SC5500
Download  SC5500 Download
File Size   269.08 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description The Right Parts, Right Away SMP Male (Plug) Threaded Full Detent Shroud

SC5500 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC5500 Datasheet PDF - Infinite Electronics International, Inc.

Part # SC5500
Download  SC5500 Click to download

File Size   269.08 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description The Right Parts, Right Away SMP Male (Plug) Threaded Full Detent Shroud

SC5500 Datasheet (HTML) - Infinite Electronics International, Inc.


SC5500 Product details

Features
• Blind Mate Connector
• Applications
• General Purpose Test
• Description
• SMP Male Full Detent Connector None Attachment for None Cable,, part number SC5500, from Fairview Microwave is in-stock and ships
• same day. This blind mate connector is ideal for applications without direct visual or tactile access to the connection point, for example,
• when two circuit boards need to be mated.
• Fairview's SMP male threaded connector SC5500 datasheet specifications and outline drawing are shown in this PDF below. Our extensive
• offering of RF, microwave and millimeter wave connectors allows designers to configure and customize their signal connections however
• they like. From providing an I/O for a board design to creating a custom cable assembly configuration, Fairview Microwave has a connector
• solution to meet your needs. Fairview Microwave also has the expertise to build your custom cable assemblies for you and ship them
• same-day.
• Mechanical Specifications
• Size
• Length
• 0.12 in [3.05 mm]
• Width
• 0.16 in [4.06 mm]
• Height
• 0.16 in [4.06 mm]
• Weight
• 0.0034 lbs [1.54 g]
• Material Specifications
• Description
• Material
• Plating
• Outer Conductor
• Stainless Steel
• Passivated
• Body
• Stainless Steel
• Passivated
• AMS-QQ-P-35
• Environmental Specifications
• Temperature
• Operating Range
• -65 to +165 deg C
• Compliance Certifications (see product page for current document)
• Plotted and Other Data
• Notes:




Similar Part No. - SC5500

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC5502 FAIRVIEW-SC5502 Datasheet
627Kb / 3P
SMP Male Limited Detent Connector Stub Terminal Solder Attachment Thread-In
REV 2.1
SC5504 FAIRVIEW-SC5504 Datasheet
586Kb / 3P
SC5504 DATA SHEET SMP Male (Plug) Full Detent Connector Stub Terminal, Solder Thread-In
REV 2.2A
SC5508 FAIRVIEW-SC5508 Datasheet
36Kb / 1P
REV FAIRVIEW MICROWAVE INC. ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM SMP MALE THREAD IN SHROUD SHEET
REV A
More results


Similar Description - SC5500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P769 ETC2-P769 Datasheet
63Kb / 1P
SMP FULL DETENT PRESS IN SHROUD
logo
Pasternack Enterprises,...
PE44906 PASTERNACK-PE44906 Datasheet
366Kb / 2P
SMP Male Full Detent Shroud Thread-In Mount
PE44907 PASTERNACK-PE44907 Datasheet
371Kb / 3P
SMP Male Full Detent Shroud 2 Hole Flange Mount 0.282 Inch Hole Spacing
PE44916 PASTERNACK-PE44916 Datasheet
371Kb / 3P
SMP Male Full Detent Shroud 2 Hole Flange Mount 0.481 Inch Hole Spacing
PE44953 PASTERNACK-PE44953 Datasheet
368Kb / 2P
SMP Male Limited Detent Shroud Thread-In Mount
logo
Rosenberger Hochfrequen...
18S203-40ML5 ROSENBERGER-18S203-40ML5 Datasheet
215Kb / 2P
RIGHT ANGLE PLUG PCB FULL DETENT
19S201-40ML5 ROSENBERGER-19S201-40ML5 Datasheet
442Kb / 2P
SMP RIGHT ANGLE PLUG PCB LIMITED DETENT
19S201-40ML5-NM ROSENBERGER-19S201-40ML5-NM Datasheet
275Kb / 2P
SMP RIGHT ANGLE PLUG PCB LIMITED DETENT
19S202-40ML5-NM ROSENBERGER-19S202-40ML5-NM Datasheet
54Kb / 2P
SMP RIGHT ANGLE PLUG PCB LIMITED DETENT
logo
Pasternack Enterprises,...
PE44935 PASTERNACK-PE44935 Datasheet
372Kb / 3P
SMP Male Full Detent Shroud 2 Hole Flange Mount 0.354 Inch Hole Spacing
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com