Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC5516 Datasheet (PDF) - Infinite Electronics International, Inc.

SC5516 Datasheet PDF - Infinite Electronics International, Inc.
Part # SC5516
Download  SC5516 Download
File Size   499.78 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SC5516 DATA SHEET SMP Male Smooth Bore Connector Stub Terminal Solder Attachment Thread-In

SC5516 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC5516 Datasheet PDF - Infinite Electronics International, Inc.

Part # SC5516
Download  SC5516 Click to download

File Size   499.78 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SC5516 DATA SHEET SMP Male Smooth Bore Connector Stub Terminal Solder Attachment Thread-In

SC5516 Datasheet (HTML) - Infinite Electronics International, Inc.


SC5516 Product details

Features
• Operating Frequency
• of 50 GHz Max.
• Good VSWR of 1.3:1
• Blind Mate Connector
• Gold Plated Beryllium
• Copper Contact
• Contact plating according
• to MIL-G-45204
• Applications:
• General Purpose Test




Similar Part No. - SC5516

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC5510 FAIRVIEW-SC5510 Datasheet
599Kb / 3P
SC5510 DATA SHEET SMP Male Limited Detent Connector Stub Terminal Solder Attachment Thread-In
REV 2.2A
SC5512 FAIRVIEW-SC5512 Datasheet
38Kb / 1P
FAIRVIEW MICROWAVE INC. ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
REV A
SC5514 FAIRVIEW-SC5514 Datasheet
520Kb / 3P
SC5514 DATA SHEET SMP Male Smooth Bore CM Connector Stub Terminal Solder Attachment Thread-In
REV 2.0
SC5518 FAIRVIEW-SC5518 Datasheet
38Kb / 1P
FAIRVIEW MICROWAVE INC. ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM Ø.210" Ø.035"
REV A
More results


Similar Description - SC5516

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44840 PASTERNACK-PE44840 Datasheet
263Kb / 3P
SMP Male Connector Solder Attachment Thru Hole PCB, Up To 8 GHz Smooth Bore
PE44879 PASTERNACK-PE44879 Datasheet
380Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment End Launch PCB, Up To 8 GHz
PE44928 PASTERNACK-PE44928 Datasheet
371Kb / 3P
SMP Male Smooth Bore Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .050 inch Pin Length Full Radius
PE44929 PASTERNACK-PE44929 Datasheet
369Kb / 3P
SMP Male Smooth Bore Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .050 inch Pin Length
PE44930 PASTERNACK-PE44930 Datasheet
369Kb / 3P
SMP Male Smooth Bore Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .130 inch Pin Length
PE44947 PASTERNACK-PE44947 Datasheet
366Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Surface Mount PCB Pre-Tinned Contacts
PE44954 PASTERNACK-PE44954 Datasheet
366Kb / 3P
SMP Male Smooth Bore Shroud Press-In Mount
PE44956 PASTERNACK-PE44956 Datasheet
375Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Thread- In Mount Pin Terminal Catchers Mitt Design Pre-Tinned Pin
PE44964 PASTERNACK-PE44964 Datasheet
373Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Thread- In Mount Pin Terminal .065 inch Pin Length Pre-Tinned
PE44966 PASTERNACK-PE44966 Datasheet
373Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Thru Hole PCB 3 Leg Version
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com