Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S200-D Datasheet (PDF) - ABB

S200-D Datasheet PDF - ABB
Part # S200-D
Download  S200-D Download
File Size   1328.32 Kbytes
Page   35 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description Miniature circuit-breakers S 200/S 200 M Residual-current-operated circuit-breakers F 200 Cross wiring/accessories

S200-D Datasheet (PDF)

Go To PDF Page Download Datasheet
S200-D Datasheet PDF - ABB

Part # S200-D
Download  S200-D Click to download

File Size   1328.32 Kbytes
Page   35 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description Miniature circuit-breakers S 200/S 200 M Residual-current-operated circuit-breakers F 200 Cross wiring/accessories

S200-D Datasheet (HTML) - ABB


S200-D Product details

Outstanding features Applications
 All round protection against contact with live parts in acordance with
DIN VDE 106 part 100.
 Due to new design: Upper and lower shoulders reduced.
More working space between component rows.
Outgoing and incoming connection points easily accessible.
 New, failsafe, bi-directional cylinder lift terminal, ensuring a faster, totally
error-free connection.
As you tighten the screw, the terminal draws together to simultaneously
close the front and rear wiring inputs.

5
 New quick-fastening technique for easy disconnection of the device
from the assembly.
No time-consuming extra work:
Cross-wiring remains with the assembly.
To remove the device, just loosen the screw, lift the device and pull it
out.
If neccessary, all devices of the series connected to the new
pro M compact cross-wiring rails may be exchanged easily and quickly,
e.g. to implement the adaptation to the VDE standard
0100 part 410.
Easy to add on MCB for extensions.
 New, integrated auxiliary contact, factory fitted, reduces space by 50 %.
Cross wiring to customary compact busbar possible.
 Self-adhesive identification labels are provided for all devices, ensuring
clear and accurate identification.
Every detail of System pro M compact has now been optimised to meet the
user’s requirements.
Fuirthermore, System pro M compact offers you many different ways to
label the switchgear cabinet and built-in consumer unit in a professional
manner.
Individual, effecient labeling of devices.
 Pad lock prevents unauthorized switching to ON or OFF.
 Complete range of tripping characteristics in B, C, D, K, Z.
 High rated switching capacity of 6 000 A (S 200) or 10 000 A (S 200 M).
 Current limitation is below the values prescribed by the VDE, therefore
higher selectivity rating than energy limitation class 3.
 Disconnector abilities according to DIN VDE 0660 part 107, surge withstand
capability 6 kV (1.2/50).
This creates a strong, contactassured connection between the wires and
the device, in a single operation.
Busbar is installed at the back terminals (A). Connection of conductors
on the front terminals (B).
Result: a clear view on all connection points.
Never fumble for the right connection point again.
Substantially improved cross-wiring safety.
Tangible time-savings.
 Connection possible for single, multi and finely stranded conductors
of 0.75 to 25 mm2.
It is also possible to connect conductors with different cross section at
the same time.
 New cross wiring busbars.
Standard length sizes or meter length cutable.

Description
The MCBs of the S 200/S 200 M series have a current-
limiting effect. They have two different trip releases
acting on the contact mechanism
1. the delayed thermal release providing overload
protection
2. the electromagnetic instantaneous release with
“hammer trip” solenoid providing fault current
protection.
They offer:  high short-circuit capacity
 high selectivity for back-up fuse
 In case of short-circuit, low stress
on the cable in the point of fault due
to the high limitation of the let-through
ƒi2dt (current heating value).




Similar Part No. - S200-D

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
S200-1-W1-22-9 MACOM-S200-1-W1-22-9 Datasheet
52Kb / 1P
SOLDERSLEEVE SHIELD TERMINATOR WITH LEADS IMMERSION RESISTANT, 200 DEG C ROHS COMPLIANT
logo
TE Connectivity Ltd
S200-2-00 TEC-S200-2-00 Datasheet
637Kb / 2P
Raychem S200 Shield Terminators
07/17
logo
Tyco Electronics
S200-2-W1-22-9 MACOM-S200-2-W1-22-9 Datasheet
52Kb / 1P
SOLDERSLEEVE SHIELD TERMINATOR WITH LEADS IMMERSION RESISTANT, 200 DEG C ROHS COMPLIANT
S200-3-W1-22-9 MACOM-S200-3-W1-22-9 Datasheet
52Kb / 1P
SOLDERSLEEVE SHIELD TERMINATOR WITH LEADS IMMERSION RESISTANT, 200 DEG C ROHS COMPLIANT
S200-4-W1-22-9 MACOM-S200-4-W1-22-9 Datasheet
52Kb / 1P
SOLDERSLEEVE SHIELD TERMINATOR WITH LEADS IMMERSION RESISTANT, 200 DEG C ROHS COMPLIANT
More results


Similar Description - S200-D

ManufacturerPart #DatasheetDescription
logo
Altech corporation
H1COL ALTECH-H1COL Datasheet
5Mb / 16P
Miniature Molded Case Circuit Breakers
logo
Cooper Bussmann, Inc.
UCB-20 COOPER-UCB-20 Datasheet
269Kb / 5P
Automotive Circuit Breakers
logo
List of Unclassifed Man...
V4-T1-6 ETC2-V4-T1-6 Datasheet
2Mb / 98P
Miniature Circuit Breakers and Supplementary Protectors
logo
PHOENIX CONTACT
TMC81C01A PHOENIX-TMC81C01A Datasheet
790Kb / 13P
Thermal magnetic UL 489 miniature circuit breakers
logo
NTE Electronics
R58 NTE-R58 Datasheet
496Kb / 1P
Circuit Breakers
R59 NTE-R59 Datasheet
494Kb / 1P
Circuit Breakers
logo
PHOENIX CONTACT
103943 PHOENIX-103943 Datasheet
157Kb / 5P
Thermomagnetic circuit breakers
2010-08-18
logo
General Electric Compan...
SFHA36AT0250 GEC-SFHA36AT0250 Datasheet
707Kb / 1P
Circuit Breakers, Molded Case Circuit Breakers
logo
Siemens Semiconductor G...
5SX2 SIEMENS-5SX2 Datasheet
1Mb / 64P
Miniature Circuit-Breakers (MCBs)
2.1 2001
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
Miniature circuit breakers
Rev. A
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com