Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC5190 Datasheet (PDF) - Infinite Electronics International, Inc.

SC5190 Datasheet PDF - Infinite Electronics International, Inc.
Part # SC5190
Download  SC5190 Download
File Size   464.72 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMP Male PCB Connector Thru Hole Solder Attachment Up To 8 GHz Smooth Bore

SC5190 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC5190 Datasheet PDF - Infinite Electronics International, Inc.

Part # SC5190
Download  SC5190 Click to download

File Size   464.72 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMP Male PCB Connector Thru Hole Solder Attachment Up To 8 GHz Smooth Bore

SC5190 Datasheet (HTML) - Infinite Electronics International, Inc.


SC5190 Product details

Features
• Operating Frequency
• of 18 GHz Max.
• Excellent VSWR of 1.1:1
• Blind Mate Connector
• Gold Plated Beryllium
• Copper Contact
• Contact plating according
• to MIL-DTL-45204
• Applications:
• General Purpose Test
• PCB Applications




Similar Part No. - SC5190

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
SC519-50 HAMMOND-SC519-50 Datasheet
163Kb / 2P
ABS Plastic Hand Held/Instrument Enclosures
10/22/2019
SC519-50 HAMMOND-SC519-50 Datasheet
258Kb / 3P
ABS Plastic Hand Held/Instrument Enclosures
6/25/2018
logo
Infinite Electronics In...
SC5191 FAIRVIEW-SC5191 Datasheet
345Kb / 3P
SMP Male (Plug) PCB Connector Thru Hole, Solder Up To 8 GHz Full Detent
REV B
SC5193 FAIRVIEW-SC5193 Datasheet
398Kb / 3P
SMP Male Smooth Bore PCB Connector End Launch Solder Attachment Up To 8 GHz
REV 1
SC5195 FAIRVIEW-SC5195 Datasheet
394Kb / 3P
SMP Male Limited Detent PCB Connector Edge Mount Solder Attachment
REV 1
More results


Similar Description - SC5190

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44480 PASTERNACK-PE44480 Datasheet
231Kb / 3P
SMP Male Connector Solder Attachment Thru Hole PCB
PE44775 PASTERNACK-PE44775 Datasheet
258Kb / 3P
SMP Male Full Detent Connector Solder Attachment Thru Hole PCB, Round Body, Up To 8 GHz
PE44776 PASTERNACK-PE44776 Datasheet
259Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thru Hole PCB, Square Body, Up To 8 GHz
PE44779 PASTERNACK-PE44779 Datasheet
252Kb / 3P
SMP Male Hermetically Sealed Connector Solder Attachment Thru Hole PCB, Up To 8 GHz
PE44780 PASTERNACK-PE44780 Datasheet
251Kb / 3P
SMP Male Hermetically Sealed Connector Solder Attachment Thru Hole PCB, Up To 8 GHz
PE44840 PASTERNACK-PE44840 Datasheet
263Kb / 3P
SMP Male Connector Solder Attachment Thru Hole PCB, Up To 8 GHz Smooth Bore
PE44879 PASTERNACK-PE44879 Datasheet
380Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment End Launch PCB, Up To 8 GHz
PE44910 PASTERNACK-PE44910 Datasheet
375Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Thru Hole PCB Catchers Mitt with 0.140 Pin Length
PE44966 PASTERNACK-PE44966 Datasheet
373Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Thru Hole PCB 3 Leg Version
PE44967 PASTERNACK-PE44967 Datasheet
379Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Thru Hole PCB Catchers Mitt with 0.170 Pin Length
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com